Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 174 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 174 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 170Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 171Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 172Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 173Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 174Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 175Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 176Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 177Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 6-12. GPMC/NAND Flash Interface Switching Characteristics (continued)
NO.
PARAMETER
1.15 V
1.0 V
0.9 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
GNF6
tw(nWEIV-nCSIV)
Delay time,
G(7) – 0.2
G(7) + 2.0
G(7) – 0.2
G(7) + 2.6
G(7) – 0.2
G(7) + 3.7
ns
gpmc_nwe invalid
to gpmc_ncsx(13)
invalid
GNF7
tw(ALEH-nWEV)
Delay time,
C(3) – 0.2
C(3) + 2.0
C(3) – 0.2
C(3) + 2.6
C(3) – 0.2
C(3) + 3.7
ns
gpmc_nadv_ale
High to
gpmc_nwe valid
GNF8
tw(nWEIV-ALEIV)
Delay time,
F(6) – 0.2
F(6) + 2.0
F(6) – 0.2
F(6) + 2.6
F(6) – 0.2
F(6) + 3.7
ns
gpmc_nwe invalid
to
gpmc_nadv_ale
invalid
GNF9
tc(nWE)
Cycle time, Write
H(8)
H(8)
H(8)
ns
cycle time
GNF10
td(nCSV-nOEV)
Delay time,
I(9) – 0.2
I(9) + 2.0
I(9) – 0.2
I(9) + 2.6
I(9) – 0.2
I(9) + 3.7
ns
gpmc_ncsx(13)
valid to gpmc_noe
valid
GNF13
tw(nOEV)
Pulse duration,
K(10)
K(10)
K(10)
ns
gpmc_noe valid
time
GNF14
tc(nOE)
Cycle time, Read
L(11)
L(11)
L(11)
ns
cycle time
GNF15
tw(nOEIV-nCSIV)
Delay time,
M(12) –
M(12) +
M(12) – 0.2
M(12) +
M(12) –
M(12) +
ns
gpmc_noe invalid
0.2
2.0
2.6
0.2
3.7
to gpmc_ncsx(13)
invalid
(1) A = (WEOffTime – WEOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK
(2) B = ((WEOnTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay – CSExtraDelay)) * GPMC_FCLK
(3) C = ((WEOnTime – ADVOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay – ADVExtraDelay)) * GPMC_FCLK
(4) D = (WEOnTime * (TimeParaGranularity + 1) + 0.5 * WEExtraDelay ) * GPMC_FCLK
(5) E = ((WrCycleTime – WEOffTime) * (TimeParaGranularity + 1) – 0.5 * WEExtraDelay ) * GPMC_FCLK
(6) F = ((ADVWrOffTime – WEOffTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay – WEExtraDelay )) * GPMC_FCLK
(7) G = ((CSWrOffTime – WEOffTime) * (TimeParaGranularity + 1) + 0.5 * (CSExtraDelay – WEExtraDelay )) * GPMC_FCLK
(8) H = WrCycleTime * (1 + TimeParaGranularity) * GPMC_FCLK
(9) I = ((OEOnTime – CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay – CSExtraDelay)) * GPMC_FCLK
(10) K = (OEOffTime – OEOnTime) * (1 + TimeParaGranularity) * GPMC_FCLK
(11) L = RdCycleTime * (1 + TimeParaGranularity) * GPMC_FCLK
(12) M = ((CSRdOffTime – OEOffTime) * (TimeParaGranularity + 1) + 0.5 * (CSExtraDelay – OEExtraDelay )) * GPMC_FCLK
(13) In gpmc_ncsx, x is equal to 0, 1, 2, 3, 4, 5, 6, or 7.
174
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com