Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 63 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 59Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 60Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 61Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 62Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 63Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 64Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 65Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 66Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-2. Ball Characteristics (CBC Pkg.)(1) (continued)
BALL
BALL
BUFFER
PULLUP
BALL
BALL TOP
PIN NAME
RESET REL.
MODE [4]
TYPE [5]
RESET
RESET REL.
POWER [9]
HYS [10]
STRENG TH
/DOWN
IO CELL [13]
BOTTOM [1]
[2]
[3]
MODE [8]
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
T8
NA
mcspi1_cs3
0
O
H
H
7
vdds
Yes
4
(18)
PU100/
LVCMOS
PD100
hsusb2_tll_d
2
IO
ata2
hsusb2_data
3
IO
2
gpio_177
4
IO
mm2_txdat
5
IO
safe_mode
7
-
V9
NA
mcspi2_cs1
0
O
L
L
7
vdds
Yes
4
(18)
PU100/
LVCMOS
PD100
gpt8_pwm_e
1
IO
vt
hsusb2_tll_d
2
IO
ata3
hsusb2_data
3
IO
3
gpio_182
4
IO
mm2_txen_n
5
IO
safe_mode
7
-
T19
NA
mcbsp_clks
0
I
L
L
7
vdds
Yes
4
(19)
PU100/
LVCMOS
PD100
cam_shutter
2
O
gpio_160
4
IO
uart1_cts
5
I
safe_mode
7
-
AB2
NA
etk_clk
0
O
H
H
4
vdds
Yes
4
(19)
PU100/
LVCMOS
PD100
mcbsp5_clkx
1
IO
mmc3_clk
2
O
hsusb1_stp
3
O
gpio_12
4
IO
mm1_rxdp
5
IO
hsusb1_tll_st
6
I
p
hw_dbg0
7
O
AB3
NA
etk_ctl
0
O
H
H
4
vdds
Yes
4
(19)
PU100/
LVCMOS
PD100
mmc3_cmd
2
IO
hsusb1_clk
3
O
gpio_13
4
IO
hsusb1_tll_cl
6
O
k
hw_dbg1
7
O
AC3
NA
etk_d0
0
O
H
H
4
vdds
Yes
4
(19)
PU100/
LVCMOS
PD100
mcspi3_simo
1
IO
mmc3_dat4
2
IO
hsusb1_data
3
IO
0
gpio_14
4
IO
mm1_rxrcv
5
IO
hsusb1_tll_d
6
IO
ata0
hw_dbg2
7
O
AD4
NA
etk_d1
0
O
H
H
4
vdds
Yes
4
(19)
PU100/
LVCMOS
PD100
mcspi3_somi
1
IO
(18) The capacity load range is [2 pf to 6 pF].
(19) The capacity load range is [2 pf to 6 pF].
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
63
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com