Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 64 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 60Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 61Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 62Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 63Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 64Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 65Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 66Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 67Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-2. Ball Characteristics (CBC Pkg.)(1) (continued)
BALL
BALL
BUFFER
PULLUP
BALL
BALL TOP
PIN NAME
RESET REL.
MODE [4]
TYPE [5]
RESET
RESET REL.
POWER [9]
HYS [10]
STRENG TH
/DOWN
IO CELL [13]
BOTTOM [1]
[2]
[3]
MODE [8]
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
hsusb1_data
3
IO
1
gpio_15
4
IO
mm1_txse0
5
IO
hsusb1_tll_d
6
IO
ata1
hw_dbg3
7
O
AD3
NA
etk_d2
0
O
H
H
4
vdds
Yes
4
(19)
PU100/
LVCMOS
PD100
mcspi3_cs0
1
IO
hsusb1_data
3
IO
2
gpio_16
4
IO
mm1_txdat
5
IO
hsusb1_tll_d
6
IO
ata2
hw_dbg4
7
O
AA3
NA
etk_d3
0
O
H
H
4
vdds
Yes
4
(19)
PU100/
LVCMOS
PD100
mcspi3_clk
1
IO
mmc3_dat3
2
IO
hsusb1_data
3
IO
7
gpio_17
4
IO
hsusb1_tll_d
6
IO
ata7
hw_dbg5
7
O
Y3
NA
etk_d4
0
O
L
L
4
vdds
Yes
4
(20)
PU100/
LVCMOS
PD100
mcbsp5_dr
1
I
mmc3_dat0
2
IO
hsusb1_data
3
IO
4
gpio_18
4
IO
hsusb1_tll_d
6
IO
ata4
hw_dbg6
7
O
AB1
NA
etk_d5
0
O
L
L
4
vdds
Yes
4
(20)
PU100/
LVCMOS
PD100
mcbsp5_fsx
1
IO
mmc3_dat1
2
IO
hsusb1_data
3
IO
5
gpio_19
4
IO
hsusb1_tll_d
6
IO
ata5
hw_dbg7
7
O
AE3
NA
etk_d6
0
O
L
L
4
vdds
Yes
4
(20)
PU100/
LVCMOS
PD100
mcbsp5_dx
1
IO
mmc3_dat2
2
IO
hsusb1_data
3
IO
6
gpio_20
4
IO
hsusb1_tll_d
6
IO
ata6
hw_dbg8
7
O
AD2
NA
etk_d7
0
O
L
L
4
vdds
Yes
4
(20)
PU100/
LVCMOS
PD100
mcspi3_cs1
1
O
(20) The capacity load range is [2 pf to 6 pF].
64
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com