Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 48 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 44Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 45Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 46Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 47Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 48Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 49Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 50Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 51Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-2. Ball Characteristics (CBC Pkg.)(1) (continued)
BALL
BALL
BUFFER
PULLUP
BALL
BALL TOP
PIN NAME
RESET REL.
MODE [4]
TYPE [5]
RESET
RESET REL.
POWER [9]
HYS [10]
STRENG TH
/DOWN
IO CELL [13]
BOTTOM [1]
[2]
[3]
MODE [8]
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
NA
B3
sdrc_d6
0
IO
L
Z
0
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
NA
B4
sdrc_d7
0
IO
L
Z
0
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
NA
A10
sdrc_d8
0
IO
L
Z
0
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
NA
B11
sdrc_d9
0
IO
L
Z
0
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
NA
A11
sdrc_d10
0
IO
L
Z
0
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
NA
B12
sdrc_d11
0
IO
L
Z
0
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
NA
A16
sdrc_d12
0
IO
L
Z
0
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
NA
A17
sdrc_d13
0
IO
L
Z
0
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
NA
B17
sdrc_d14
0
IO
L
Z
0
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
NA
B18
sdrc_d15
0
IO
L
Z
0
vdds
Yes
4
(2)
PU100/
LVCMOS
PD100
NA
B7
sdrc_d16
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
A5
sdrc_d17
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
B6
sdrc_d18
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
A6
sdrc_d19
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
A8
sdrc_d20
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
B9
sdrc_d21
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
A9
sdrc_d22
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
B10
sdrc_d23
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
C21
sdrc_d24
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
D20
sdrc_d25
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
B19
sdrc_d26
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
C20
sdrc_d27
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
D21
sdrc_d28
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
E20
sdrc_d29
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
E21
sdrc_d30
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
G21
sdrc_d31
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
H1
sdrc_dm0
0
O
0
0
0
vdds
No
4
(3)
NA
LVCMOS
NA
A14
sdrc_dm1
0
O
0
0
0
vdds
No
4
(3)
NA
LVCMOS
NA
A4
sdrc_dm2
0
O
0
0
0
vdds
No
4
(3)
NA
LVCMOS
NA
A18
sdrc_dm3
0
O
0
0
0
vdds
No
4
(3)
NA
LVCMOS
NA
C2
sdrc_dqs0
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
B15
sdrc_dqs1
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
B8
sdrc_dqs2
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
NA
A19
sdrc_dqs3
0
IO
L
Z
0
vdds
Yes
4
(3)
PU100/
LVCMOS
PD100
(3)
The drive strength is programmable vs the capacity load: load range = [2 pF to 6 pF] per default or [6 pF to 12 pF] according to the
selected mode.
48
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com