Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 198 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 198 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 194Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 195Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 196Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 197Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 198Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 199Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 200Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 201Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 202Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 265 page
background image
dss_pclk
dss_vsync
dss_hsync
dss_acbias
dss_data[23:0]
DL4
DL5
DL3
030-062
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Figure 6-29. LCD Display in STN Mode(1) (2) (3) (4) (5)
(1) The pixel data bus depends on the use 4-, 8-, 12-, 16-, 18-, or 24-bit per pixel data output pins.
(2) All timings not illustrated in the waveform are programmable by software, control signal polarity, and driven edge of dss_pclk.
(3) dss_vsync width must be programmed to be as small as possible.
(4) The pixel clock frequency is programmable.
(5) For more information, see the DSS chapter in the OMAP35x Technical Reference Manual (TRM) [literature number SPRUF98].
6.5.2.2
LCD Display in RFBI Mode
Table 6-40 and Table 6-41 assume testing over the recommended operating conditions (see Figure 6-30
through Figure 6-32).
Table 6-39. LCD Timing Conditions – RFBI Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
MIN
MAX
Input Conditions
tR
Input signal rise time
15
ns
tF
Input signal fall time
15
ns
Output Conditions
CLOAD
Output load capacitance
30
pF
Table 6-40. LCD Display Timing Requirements in RFBI Mode
NO.
PARAMETER
OPP3
OPP2
OPP1(1)
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
DR0
tsu(DAV-RDH)
Setup time, rfbi_da[15:0] valid to rfbi_rd
7.0
9.0
ns
high
DR1
th(RDH-DAIV)
Hold time, rfbi_rd high to rfbi_da[15:0]
5.0
5.0
ns
invalid
td(Data sampled)
rfbi_da[15:0] are sampled at the end off
N(2)
N(2)
ns
the access time
(1) Cannot boot in OPP1. If OPP1 is desired, boot in higher OPP then switch to OPP1.
(2) N = (AccessTime) * (TimeParaGranularity + 1) * L4CLK
198
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com