Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 223 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 223 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 219Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 220Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 221Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 222Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 223Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 224Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 225Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 226Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 227Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Port 3:
12-bit TLL master mode (SDR)
8-bit TLL master mode (DDR)
6.6.4.1
High-Speed Universal Serial Bus (USB) on Port 0 – 12-bit Slave Mode
Table 6-96 and Table 6-97 assume testing over the recommended operating conditions (see Figure 6-49).
Table 6-95. High-Speed USB Timing Conditions – 12-bit Slave Mode
TIMING CONDITION PARAMETER
VALUE
UNIT
Input Conditions
tr
Input Signal Rising Time
2.00
ns
tf
Input Signal Falling Time
2.00
ns
Output Conditions
Cload
Output Load Capacitance
3.50
pF
Table 6-96. High-Speed USB Timing Requirements – 12-bit Slave Mode(1)
NO.
PARAMETER
1.15 V
UNIT
MIN
MAX
HSU0
fp(CLK)
hsusb0_clk clock frequency(2) (3)
60.03
MHz
tj(CLK)
Cycle Jitter(3), hsusb0_clk
500.00
ps
HSU3
ts(DIRV-CLKH)
Setup time, hsusb0_dir valid before hsusb0_clk rising edge
6.7
ns
ts(NXTV-CLKH)
Setup time, hsusb0_nxt valid before hsusb0_clk rising edge
6.7
ns
HSU4
th(CLKH-DIRIV)
Hold time, hsusb0_dir valid after hsusb0_clk rising edge
0.0
ns
th(CLKH-NXT/IV)
Hold time, hsusb0_nxt valid after hsusb0_clk rising edge
0.0
ns
HSU5
ts(DATAV-CLKH)
Setup time, hsusb0_data[0:7] valid before hsusb0_clk rising edge
6.7
ns
HSU6
th(CLKH-DATIV)
Hold time, hsusb0_data[0:7] valid after hsusb0_clk rising edge
0.0
ns
(1)
The timing requirements are assured for the cycle jitter error condition specified.
(2)
Related with the input maximum frequency supported by the I/F module.
(3)
Maximum cycle jitter supported by clk input clock.
Table 6-97. High-Speed USB Switching Characteristics – 12-bit Slave Mode
NO.
PARAMETER
1.15 V
UNIT
MIN
MAX
HSU1
td(clkL-STPV)
Delay time, hsusb0_clk high to output usb0_stp valid
9.0
ns
td(clkL-STPIV)
Delay time, hsusb0_clk high to output usb0_stp invalid
0.5
ns
HSU2
td(clkL-DV)
Delay time, hsusb0_clk high to output hsusb0_data[0:7] valid
9.0
ns
td(clkL-DIV)
Delay time, hsusb0_clk high to output hsusb0_data[0:7] invalid
0.5
ns
tr(do)
Rising time, output signals
2.0
ns
tf(do)
Falling time, output signals
2.0
ns
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
223
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com