Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 256 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 256 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 252Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 253Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 254Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 255Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 256Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 257Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 258Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 259Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 260Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
7
PACKAGE CHARACTERISTICS
7.1
Package Thermal Resistance
Table 7-1 provides the thermal resistance characteristics for the recommended package types used on the
OMAP3530/25 Applications Processor.
Table 7-1. OMAP3530/25 Thermal Resistance Characteristics(1) (2)
Package
Power (W)(3)
RθJA(°C/W)
RθJB(°C/W)
RθJC(°C/W)
(4)
Board Type
OMAP3530/25
0.92871
24.46
10.94
See (5)
2S2P(6)
(CBB Pkg.)
OMAP3530/25
0.92871
21.89
6.23
See (5)
2S2P(6)
(CBC Pkg.)
OMAP3530/25
0.92871
23.69
8.1
2.31
2S2P(6)
(CUS Pkg.)
(1)
RθJA (Theta-JA) = Thermal Resistance Junction-to-Ambient, °C/W
(2)
This table provides simulation data and may not represent actual use-case values.
RθJB (Theta-JB) = Thermal Resistance Junction-to-Board, °C/W
RθJC (Theta-JC) = Thermal Resistance Junction-to-Case, °C/W
(3)
These numbers are based on simulation results and don’t necessarily represent the wattage that the part will take in actual use.
(4)
It is recommended to dissipate the heat to the board instead of attempting to remove it from the top of the chip; therefore, top-side heat
sinks should not be used for package.
(5)
Not applicable if the POP package has a memory package on top; no heat sink can be used.
(6)
The board types are defined by JEDEC (reference JEDEC standard JESD51-9, Test Board for Area Array Surface Mount Package
Thermal Measurements).
7.2
Device Support
7.2.1
Device and Development-Support Tool Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
OMAP processors and support tools. Each OMAP device has one of three prefixes: X, P, or null (no
prefix). Texas Instruments recommends two of three possible prefix designators for its support tools:
TMDX and TMDS. These prefixes represent evolutionary stages of product development from engineering
prototypes (TMDX) through fully qualified production devices/tools (TMDS).
Device development evolutionary flow:
X
Experimental device that is not necessarily representative of the final device’s electrical
specifications and may not use production assembly flow. (TMX definition)
P
Prototype device that is not necessarily the final silicon die and may not necessarily meet
final electrical specifications. (TMP definition)
null
Production version of the silicon die that is fully qualified. (TMS definition)
Support tool development evolutionary flow:
TMDX
Development support product that has not yet completed Texas Instruments internal
qualification testing.
TMDS
Fully qualified development support product.
TMX and TMP devices and TMDX development-support tools are shipped against the following
disclaimer:
“Developmental product is intended for internal evaluation purposes.”
Production devices and TMDS development-support tools have been characterized fully, and the quality
and reliability of the device have been demonstrated fully. TI’s standard warranty applies.
256
PACKAGE CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com