Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 116 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 116 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 112Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 113Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 114Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 115Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 116Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 117Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 118Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 119Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
2.5.9
System and Miscellaneous Terminals
Table 2-26. System and Miscellaneous Signals Description
SIGNAL NAME
DESCRIPTION
TYPE(1
BALL
BALL TOP
BALL
BALL TOP
BALL
)
BOTTOM
(CBB Pkg.)
BOTTOM
(CBC Pkg.)
BOTTOM
(CBB Pkg.)
(CBC Pkg.)
(CUS Pkg.)
sys_32k
32-kHz clock input
I
AE25
NA
AE20
NA
AA16
sys_xtalin
Main input clock. Oscillator input or LVCMOS at
I
AE17
NA
AF19
NA
AD15
19.2, 13, or 12 MHz.
sys_xtalout
Output of oscillator
O
AF17
NA
AF20
NA
AD14
sys_altclk
Alternate clock source selectable for GPTIMERs
I
J25
NA
J23
NA
A24
(maximum 54 MHz), USB (48 MHz), or
NTSC/PAL (54 MHz)
sys_clkreq
Request from OMAP3530/25 device for system
IO
AF25
NA
W15
NA
Y13
clock (open source type)
sys_clkout1
Configurable output clock1
O
AG25
NA
AE14
NA
Y7
sys_clkout2
Configurable output clock2
O
AE22
NA
W11
NA
AA6
sys_boot0
Boot configuration mode bit 0
I
AH26
NA
F3
NA
AB12
sys_boot1
Boot configuration mode bit 1
I
AG26
NA
D3
NA
AC16
sys_boot2
Boot configuration mode bit 2
I
AE14
NA
C3
NA
AD17
sys_boot3
Boot configuration mode bit 3
I
AF18
NA
E3
NA
AD18
sys_boot4
Boot configuration mode bit 4
I
AF19
NA
E4
NA
AC17
sys_boot5
Boot configuration mode bit 5
I
AE21
NA
G3
NA
AB16
sys_boot6
Boot configuration mode bit 6
I
AF21
NA
D4
NA
AA15
sys_nrespwron
Power On Reset
I
AH25
NA
V13
NA
AA10
sys_nreswarm
Warm Boot Reset (open drain output)
IOD
AF24
NA
AD7
NA
Y10
sys_nirq
External FIQ input
I
AF26
NA
V16
NA
W16
sys_nvmode1
Indicates the voltage mode
O
AD26
NA
AD15
NA
Y16
sys_nvmode2
Indicates the voltage mode
O
AE26
NA
W16
NA
Y15
sys_off_mode
Indicates the voltage mode
O
AF22
NA
V12
NA
AD23
sys_ndmareq0
External DMA request 0 (system expansion).
I
U8
NA
B6
NA
D2
Level (active low) or edge (falling) selectable.
sys_ndmareq1
External DMA request 1 (system expansion).
I
T8 / J8
NA
B4 / C6
NA
F4 / C2
Level (active low) or edge (falling) selectable.
sys_ndmareq2
External DMA request 2 (system expansion).
I
L3 / R8
NA
D1 / C4
NA
H2 / G5
Level (active low) or edge (falling) selectable.
sys_ndmareq3
External DMA request 3 (system expansion).
I
K3 / P8
NA
D2 / B5
NA
G2 / F3
Level (active low) or edge (falling) selectable.
sys_secure_
MSECURE transactions indicator
O
AG9
NA
V2
NA
AD5
indicator
sys_drm_
MSECURE output
O
AF9
NA
AA4
NA
AC4
msecure
(1)
Type = Ball type for this specific function (I = Input, O = Output, Z = high-impedance, D = Open Drain, DS = Differential, A = Analog)
2.5.10 Feed-Through Balls (CBC and CBB Packages)
Feed-through pins represent a wire. That is, they do not connect to the silicon die, but rather just connect
from the bottom ball to the top ball. The purpose of these balls is to allow for different PoP packages.
Table 2-27 and Table 2-28 list the feed-through balls on the OMAP35x CBC and CBB packages,
respectively.
Table 2-27. CBC Package Feed-Through Balls
JEDEC 14x14mm, 0.65mm,
JEDEC DESCRIPTION (1)
BALL TOP
BALL BOTTOM
FEED-THROUGH BALL
152ball
NAME
NC
No Connect
A1
A1
pop_a1_a1
d-vdd
DDR Supply
J1
L1
pop_j1_l1
NC
No Connect
AA1
AF1
pop_aa1_af1
(1)
For more details on the feedthrough pin connections, please refer to the PoP memory datasheet.
116
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com