Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBA Datasheet(PDF) 124 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBA
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBA Datasheet(HTML) 124 Page - Texas Instruments

Back Button OMAP3530ECBBA Datasheet HTML 120Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 121Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 122Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 123Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 124Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 125Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 126Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 127Page - Texas Instruments OMAP3530ECBBA Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 3-3. Recommended Operating Conditions (continued)
PARAMETER
DESCRIPTION
MIN
NOM
MAX
UNIT
vdds_mmc1a
Second supply voltage range for
1.8-V mode
1.71
1.8
1.89
V
MMC1 DAT[7:4]
3.0-V mode
2.7
3.0
3.3
vdds_wkup_bg
Wakeup LDO
1.71
1.8
1.89
V
Noise (peak-peak)
50
mVpp
vdda_dac
Analog supply voltage for video DAC
1.71
1.8
1.89
V
Noise (peak-peak)
For a frequency of 0 to
30
mVpp
100 kHz
(For a frequency < 100
kHz, decreases 20dB /
sec)
vdds_sram
SRAM LDOs
1.71
1.8
1.89
V
Noise (peak-peak)
50
mVpp
vdds_dpll_per
Peripherals DPLLs power supply
1.71
1.8
1.89
V
Noise (peak-peak)
36
mVpp
vdds_dpll_dll
Supply voltage for DPLLs I/Os
1.71
1.8
1.89
V
Noise (peak-peak)
30
mVpp
vpp(4)
eFuse programming
V
vss
Ground
0
0
0
V
vssa_dac
Dedicated ground for DAC
0
0
0
V
Ta
Operating free air temperature
Commercial
0
70
°C
range
Temperature
Extended Temperature
-40
-
85
Tj
Operating junction temperature(5)
Commercial
0
90
°C
Temperature
Extended Temperature
-40
-
105
(4)
It is recommended not to connect this pin. It is just used for eFuse programming on package unit.
(5)
For proper device operation, Tj must be within the specified range.
124
ELECTRICAL CHARACTERISTICS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com