Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBAR Datasheet(PDF) 181 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBAR
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBAR Datasheet(HTML) 181 Page - Texas Instruments

Back Button OMAP3530ECBBAR Datasheet HTML 177Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 178Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 179Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 180Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 181Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 182Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 183Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 184Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 185Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 265 page
background image
A1
A1
X
Y
OFFSET
RecommendedLPDDRDevice
Orientation
Y
Y
OFFSET
LPDDR
Device
OMAP
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Figure 6-19. OMAP35x and LPDDR Device Placement
Table 6-16. Placement Specifications
NO.
PARAMETER
MIN
MAX
UNIT
NOTES
1
X
1440
Mils
See Notes(1), (2)
2
Y
1030
Mils
See Notes(1), (2)
3
Y Offset
525
Mils
See Notes(1),(2),(3)
4
LPDDR Keepout Region
See Note(4)
Clearance from non-LPDDR signal to LPDDR
5
4
w
See Note(5)
Keepout Region
(1)
See Figure 6-17 for dimension definitions.
(2)
Measurements from center of device to center of LPDDR device.
(3)
For 16 bit memory systems it is recommended that Y Offset be as small as possible.
(4)
LPDDR keepout region to encompass entire LPDDR routing area.
(5)
Non-LPDDR signals allowed within LPDDR keepout region provided they are separated from LPDDR routing layers by a ground plane.
6.4.2.4
LPDDR Keep Out Region
The region of the PCB used for the LPDDR circuitry must be isolated from other signals. The LPDDR
keep out region is defined for this purpose and is shown in Figure 6-20. The size of this region varies with
the placement and LPDDR routing. Additional clearances required for the keep out region are shown in
Table 6-16.
Copyright © 2008–2013, Texas Instruments Incorporated
TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS
181
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com