Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBAR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBAR
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBAR Datasheet(HTML) 35 Page - Texas Instruments

Back Button OMAP3530ECBBAR Datasheet HTML 31Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 32Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 33Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 34Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 35Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 36Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 37Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 38Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-1. Ball Characteristics (CBB Pkg.)(1) (continued)
BALL
BALL TOP
PIN NAME
MODE [4]
TYPE [5]
BALL
BALL
RESET REL. POWER [9]
HYS [10]
BUFFER
PULLUP
IO CELL [13]
BOTTOM [1] [2]
[3]
RESET
RESET REL. MODE [8]
STRENG TH /DOWN
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
safe_mode
7
AH19
NA
gpio_113
4
I
L
L
7
vdds
Yes
NA
PU/PD
LVCMOS
safe_mode
7
AG18
NA
gpio_114
4
I
L
L
7
vdds
Yes
NA
PU/PD
LVCMOS
safe_mode
7
AH18
NA
gpio_115
4
I
L
L
7
vdds
Yes
NA
PU/PD
LVCMOS
safe_mode
7
P21
NA
mcbsp2_fsx
0
IO
L
L
7
vdds
Yes
4
(3)
PU/ PD
LVCMOS
gpio_116
4
IO
safe_mode
7
N21
NA
mcbsp2_
0
IO
L
L
7
vdds
Yes
4
(3)
PU/ PD
LVCMOS
clkx
gpio_117
4
IO
safe_mode
7
R21
NA
mcbsp2_dr
0
I
L
L
7
vdds
Yes
4
(3)
PU/ PD
LVCMOS
gpio_118
4
IO
safe_mode
7
M21
NA
mcbsp2_dx
0
IO
L
L
7
vdds
Yes
4
(4)
PU/ PD
LVCMOS
gpio_119
4
IO
safe_mode
7
N28
NA
mmc1_clk
0
O
L
L
7
vdds_mmc1
Yes
8
PU/ PD
(5)
LVCMOS
gpio_120
4
IO
safe_mode
7
M27
NA
mmc1_cmd
0
IO
L
L
7
vdds_mmc1
Yes
8
PU/ PD
(5)
LVCMOS
gpio_121
4
IO
safe_mode
7
N27
NA
mmc1_dat0
0
IO
L
L
7
vdds_mmc1
Yes
8
PU/ PD
(5)
LVCMOS
gpio_122
4
IO
safe_mode
7
N26
NA
mmc1_dat1
0
IO
L
L
7
vdds_mmc1
Yes
8
PU/ PD
(5)
LVCMOS
gpio_123
4
IO
safe_mode
7
N25
NA
mmc1_dat2
0
IO
L
L
7
vdds_mmc1
Yes
8
PU/ PD
(5)
LVCMOS
gpio_124
4
IO
safe_mode
7
P28
NA
mmc1_dat3
0
IO
L
L
7
vdds_mmc1
Yes
8
PU/ PD
(5)
LVCMOS
gpio_125
4
IO
safe_mode
7
P27
NA
mmc1_dat4
0
IO
L
L
7
vdds_mmc1a No
8
PD
(5)
LVCMOS
gpio_126
4
IO
safe_mode
7
P26
NA
mmc1_dat5
0
IO
L
L
7
vdds_mmc1a No
8
PD
(5)
LVCMOS
gpio_127
4
IO
safe_mode
7
R27
NA
mmc1_dat6
0
IO
L
L
7
vdds_mmc1a No
8
PD
(5)
LVCMOS
gpio_128
4
IO
safe_mode
7
R25
NA
mmc1_dat7
0
IO
L
L
7
vdds_mmc1a No
8
PD
(5)
LVCMOS
gpio_129
4
IO
safe_mode
7
(3)
The buffer strength of this IO cell is programmable (2, 4, 6, or 8 mA) according to the selected mode; the default value is described in
the above table.
(4)
The buffer strength of this IO cell is programmable (2, 4, 6, or 8 mA) according to the selected mode; the default value is described in
the above table.
(5)
The PU nominal drive strength of this IO cell is equal to 25 uA @ 1.8V and 41.6 uA @ 3.0V. The PD nominal drive strength of this IO
cell is equal to 1 mA @ 1.8V and 1.66 mA @ 3.0V.
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
35
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com