Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBAR Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBAR
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBAR Datasheet(HTML) 52 Page - Texas Instruments

Back Button OMAP3530ECBBAR Datasheet HTML 48Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 49Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 50Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 51Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 52Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 53Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 54Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 55Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 265 page
background image
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
Table 2-2. Ball Characteristics (CBC Pkg.)(1) (continued)
BALL
BALL
BUFFER
PULLUP
BALL
BALL TOP
PIN NAME
RESET REL.
MODE [4]
TYPE [5]
RESET
RESET REL.
POWER [9]
HYS [10]
STRENG TH
/DOWN
IO CELL [13]
BOTTOM [1]
[2]
[3]
MODE [8]
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
K2
NA
gpmc_nbe0_
0
O
L
0
0
vdds
Yes
4
(5)
PU100/
LVCMOS
cle
PD100
gpio_60
4
IO
safe_mode
7
-
J1
NA
gpmc_nbe1
0
O
L
L
7
vdds
Yes
4
(5)
PU100/
LVCMOS
PD100
gpio_61
4
IO
safe_mode
7
-
AD8
AA8
gpmc_ncs0
0
O
1
1
0
vdds
No
4
(5)
NA
LVCMOS
AD1
W1
gpmc_ncs1
0
O
H
1
0
vdds
Yes
4
(5)
PU100/
LVCMOS
PD100
gpio_52
4
IO
safe_mode
7
-
A3
NA
gpmc_ncs2
0
O
H
H
7
vdds
Yes
4
(5)
PU100/
LVCMOS
PD100
gpio_53
4
IO
safe_mode
7
-
B6
NA
gpmc_ncs3
0
O
H
H
7
vdds
Yes
4
(5)
PU100/
LVCMOS
PD100
sys_ndmareq
1
I
0
gpio_54
4
IO
safe_mode
7
-
B4
NA
gpmc_ncs4
0
O
H
H
7
vdds
Yes
4
(6)
PU100/
LVCMOS
PD100
sys_ndmareq
1
I
1
mcbsp4_clkx
2
IO
gpt9_pwm_e
3
IO
vt
gpio_55
4
IO
safe_mode
7
-
C4
NA
gpmc_ncs5
0
O
H
H
7
vdds
Yes
4
(6)
PU100/
LVCMOS
PD100
sys_ndmareq
1
I
2
mcbsp4_dr
2
I
gpt10_pwm_
3
IO
evt
gpio_56
4
IO
safe_mode
7
-
B5
NA
gpmc_ncs6
0
O
H
H
7
vdds
Yes
4
(6)
PU100/
LVCMOS
PD100
sys_ndmareq
1
I
3
mcbsp4_dx
2
IO
gpt11_pwm_
3
IO
evt
gpio_57
4
IO
safe_mode
7
-
C5
NA
gpmc_ncs7
0
O
H
H
7
vdds
Yes
4
(6)
PU100/
LVCMOS
PD100
gpmc_io_dir
1
O
mcbsp4_fsx
2
IO
gpt8_pwm_e
3
IO
vt
gpio_58
4
IO
safe_mode
7
-
N2
L2
gpmc_noe
0
O
1
1
0
vdds
No
4
(6)
NA
LVCMOS
(6)
The drive strength is programmable vs the capacity load: load range = [2 pF to 6 pF] per default or [6 pF to 12 pF] according to the
selected mode.
52
TERMINAL DESCRIPTION
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com