Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBAR Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBAR
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBAR Datasheet(HTML) 57 Page - Texas Instruments

Back Button OMAP3530ECBBAR Datasheet HTML 53Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 54Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 55Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 56Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 57Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 58Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 59Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 60Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 265 page
background image
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 2-2. Ball Characteristics (CBC Pkg.)(1) (continued)
BALL
BALL
BUFFER
PULLUP
BALL
BALL TOP
PIN NAME
RESET REL.
MODE [4]
TYPE [5]
RESET
RESET REL.
POWER [9]
HYS [10]
STRENG TH
/DOWN
IO CELL [13]
BOTTOM [1]
[2]
[3]
MODE [8]
STATE [6]
STATE [7]
(mA) [11]
TYPE [12]
hsusb2_data
3
O
6
gpio_181
4
IO
safe_mode
7
-
W8
NA
mcspi2_simo
0
IO
L
L
7
vdds
Yes
4
(12)
PU100/
LVCMOS
PD100
gpt9_pwm_e
1
IO
vt
hsusb2_tll_d
2
IO
ata4
hsusb2_data
3
I
4
gpio_179
4
IO
safe_mode
7
-
U8
NA
mcspi2_somi
0
IO
L
L
7
vdds
Yes
4
(12)
PU100/
LVCMOS
PD100
gpt10_pwm_
1
IO
evt
hsusb2_tll_d
2
IO
ata5
hsusb2_data
3
O
5
gpio_180
4
IO
safe_mode
7
-
W10
NA
mmc2_clk
0
O
L
L
7
vdds
Yes
4
(13)
PU100/
LVCMOS
PD100
mcspi3_clk
1
IO
gpio_130
4
IO
safe_mode
7
-
R10
NA
mmc2_cmd
0
IO
H
H
7
vdds
Yes
4
(13)
PU100/
LVCMOS
PD100
mcspi3_simo
1
IO
gpio_131
4
IO
safe_mode
7
-
T10
NA
mmc2_dat0
0
IO
H
H
7
vdds
Yes
4
(13)
PU100/
LVCMOS
PD100
mcspi3_somi
1
IO
gpio_132
4
IO
safe_mode
7
-
T9
NA
mmc2_dat1
0
IO
H
H
7
vdds
Yes
4
(13)
PU100/
LVCMOS
PD100
gpio_133
4
IO
safe_mode
7
-
U10
NA
mmc2_dat2
0
IO
H
H
7
vdds
Yes
4
(13)
PU100/
LVCMOS
PD100
mcspi3_cs1
1
O
gpio_134
4
IO
safe_mode
7
-
U9
NA
mmc2_dat3
0
IO
H
H
7
vdds
Yes
4
(13)
PU100/
LVCMOS
PD100
mcspi3_cs0
1
IO
gpio_135
4
IO
safe_mode
7
-
V10
NA
mmc2_dat4
0
IO
L
L
7
vdds
Yes
4
(13)
PU100/
LVCMOS
PD100
mmc2_dir_da
1
O
t0
mmc3_dat0
3
IO
gpio_136
4
IO
safe_mode
7
-
(13) The capacity load range is [2 pf to 6 pF].
Copyright © 2008–2013, Texas Instruments Incorporated
TERMINAL DESCRIPTION
57
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com