Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBBAR Datasheet(PDF) 134 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBBAR
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBBAR Datasheet(HTML) 134 Page - Texas Instruments

Back Button OMAP3530ECBBAR Datasheet HTML 130Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 131Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 132Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 133Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 134Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 135Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 136Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 137Page - Texas Instruments OMAP3530ECBBAR Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 265 page
background image
OMAP
PowerIC
sys_32k
sys_altclk
sys_clkout1
AlternateClockSourceSelectable(54,48MHzorother[up
to59MHz])
ToQuartz (Oscillatoroutput)orUnconnected
ToQuartz (Oscillatorinput)orSquareClock
ClockRequest.ToSquareClockSourceorfromPeripherals
Oscillator
isUsed
Oscillator
isBypassed
Unconnected
Square
Clock
Source
ToPeripherals (FromOSC_CLK:12,13,16.8,19.2,26,or
38.4MHz,core_clk[DPLL,upto332MHz],DPLL-96MHz
orDPLL-54MHzoutputswithadividerof1,2,4,8,or16)
GPin
ToPeripherals (FromOSC_CLK:12,13,16.8,19.2,26,or
38.4MHz)
sys_clkout2
sys_xtalout
sys_xtalin
sys_clkreq
sys_xtalout
sys_xtalin
sys_clkreq
sys_xtalout
sys_xtalin
sys_clkreq
030-007
OMAP3530, OMAP3525
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
www.ti.com
4
CLOCK SPECIFICATIONS
The OMAP3530/25 device has three external input clocks, a low frequency (sys_32k), a high frequency
(sys_xtalin), and an optional (sys_altclk). The OMAP3530/25 device has two configurable output clocks,
sys_clkout1 and sys_clkout2.
Figure 4-1 shows the interface to the external clock sources and clock outputs.
Figure 4-1. Clock Interface
The OMAP3530/25 device operation requires the following three input clocks:
•
The 32-kHz frequency is used for low frequency operation. It supplies the wake-up domain for
operation in lowest power mode (off mode). This clock is provided through the sys_32k pin.
•
The system alternative clock can be used (through the sys_altclk pin) to provide alternative 48 or 54
MHz or other clock source (up to 59 MHz).
•
The system clock input (12, 13, 16.8, 19.2, 26, or 38.4 MHz) is used to generate the main source clock
of the OMAP3530/25 device. It supplies the DPLLs as well as several OMAP modules. The system
clock input can be connected to either:
–
A crystal oscillator clock managed by sys_xtalin and sys_xtalout. In this case, the sys_clkreq is
used as an input (GPIN).
–
A CMOS digital clock through the sys_xtalin pin. In this case, the sys_clkreq is used as an output to
request the external system clock.
The OMAP3530/25 outputs externally two clocks:
•
sys_clkout1 can output the oscillator clock (12, 13, 16.8, 19.2, 26, or 38.4 MHz) at any time. It can be
controlled by software or externally using sys_clkreq control. When the device is in the off state, the
sys_clkreq can be asserted to enable the oscillator and activate the sys_clkout1 without waking up the
device. The off state polarity of sys_clkout1 is programmable.
134
CLOCK SPECIFICATIONS
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com