Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBC Datasheet(PDF) 137 Page - Texas Instruments

Part # OMAP3530ECBC
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC Datasheet(HTML) 137 Page - Texas Instruments

Back Button OMAP3530ECBC Datasheet HTML 133Page - Texas Instruments OMAP3530ECBC Datasheet HTML 134Page - Texas Instruments OMAP3530ECBC Datasheet HTML 135Page - Texas Instruments OMAP3530ECBC Datasheet HTML 136Page - Texas Instruments OMAP3530ECBC Datasheet HTML 137Page - Texas Instruments OMAP3530ECBC Datasheet HTML 138Page - Texas Instruments OMAP3530ECBC Datasheet HTML 139Page - Texas Instruments OMAP3530ECBC Datasheet HTML 140Page - Texas Instruments OMAP3530ECBC Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 265 page
background image
sys_xtalin
sys_xtalout
OMAP Device
sys_clkreq
ClockSquarerSource
Oscillator
InBypassMode
030-010
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Figure 4-3. Clock Squarer Source Connection
To connect a digital clock source, the oscillator is configured in bypass mode. The sys_clkreq pin is an
OMAP3530/25 output which can be used to switch the clock source on or off.
1. Pin sys_xtalout is not used in this mode. It must be left unconnected.
2. Once the system is powered up, the clock squarer source or crystal oscillator source can be applied;
however, this affects the performance. The input source must be configured after power up to attain
the desired system requirements.
Table 4-4 summarizes the electrical constraints required by the clock squarer used in the fundamental
mode of operation.
Note: There is an internal pulldown resistor of 5k
Ω (max.) on sys_xtalin when the oscillator is disabled.
Table 4-4. Base Oscillator Electrical Characteristics (in Bypass Mode)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
f
Frequency(1)
12, 13, 16.8, 19.2, 26, or 38.4
MHz
tsX
Start-up time
(2)
ms
IDDQ
Current consumption on VDDS when sys_xtalin = 0 and in power-
1
μA
down mode
(1)
Measured with the load capacitance specified by the manufacturer. Parasitic capacitance from package and board must also be taken in
account.
(2)
Before the processor boots up and the oscillator is set to bypass mode, there is a start-up time when the internal oscillator is in
application mode and receives a square wave. The start-up time in this case is about 100
μs.
Table 4-5 details the input requirements of the 12-, 13-, 16.8-, 19.2-, 26-, or 38.4-MHz input clock.
Table 4-5. 12-, 13-, 16.8-, 19.2-, 26-, or 38.4-MHz Input Clock Squarer Timing Requirements
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
OCS0
1 / tc(xtalin)
Frequency, sys_xtalin
12, 13, 16.8, 19.2, 26, or 38.4
MHz
OCS1
tw(xtalin)
Pulse duration, sys_xtalin low or high
0.45 * tc(xtalin)
0.55 * tc(xtalin)
ns
OCS2
tJ(xtalin)
Peak-to-peak jitter(1), sys_xtalin
–1%
1%
OCS3
tR(xtalin)
Rise time, sys_xtalin
3.6
ns
OCS4
tF(xtalin)
Fall time, sys_xtalin
3.6
ns
OCS5
tJ(xtalin)
Frequency stability, sys_xtalin
±25
ppm
(1)
Peak-to-peak jitter is defined as the difference between the maximum and the minimum output periods on a statistical population of 300
period samples. The sinusoidal noise is added on top of the vdds supply voltage.
Copyright © 2008–2013, Texas Instruments Incorporated
CLOCK SPECIFICATIONS
137
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com