Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMAP3530ECBC Datasheet(PDF) 139 Page - Texas Instruments

Part # OMAP3530ECBC
Description  OMAP3530 and OMAP3525 Applications Processors
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBC Datasheet(HTML) 139 Page - Texas Instruments

Back Button OMAP3530ECBC Datasheet HTML 135Page - Texas Instruments OMAP3530ECBC Datasheet HTML 136Page - Texas Instruments OMAP3530ECBC Datasheet HTML 137Page - Texas Instruments OMAP3530ECBC Datasheet HTML 138Page - Texas Instruments OMAP3530ECBC Datasheet HTML 139Page - Texas Instruments OMAP3530ECBC Datasheet HTML 140Page - Texas Instruments OMAP3530ECBC Datasheet HTML 141Page - Texas Instruments OMAP3530ECBC Datasheet HTML 142Page - Texas Instruments OMAP3530ECBC Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 265 page
background image
sys_altclk
ALT0
ALT1
ALT1
030-013
OMAP3530, OMAP3525
www.ti.com
SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013
Table 4-9 details the input requirements of the input clock.
Table 4-9. 48- or 54-MHz Input Clock Source Timing Requirements(1) (2)
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
ALT0
1 / tc(altclk)
Frequency, sys_altclk
48-, 54-, or up to 59- MHz
MHz
ALT1
tw(altclk)
Pulse duration, sys_altclk low or
0.40 * tc(altclk)
0.60 * tc(altclk)
ns
high
ALT2
tJ(altclk)
Peak-to-peak jitter(1), sys_altclk
–1%
1%
ALT3
tR(altclk)
Rise time, sys_altclk
10
ns
ALT4
tF(altclk)
Fall time, sys_altclk
10
ns
ALT5
tJ(altclk)
Frequency stability, sys_altclk
± 50
ppm
(1)
Peak-to-peak jitter is defined as the difference between the maximum and the minimum output periods on a statistical population of 300
period samples. The sinusoidal noise is added on top of the vdds supply voltage.
(2)
See Table 3-4, Electrical Characteristics, for sys_altclk VIH/VIL parameters.
Figure 4-6. Alternate CMOS Clock
Copyright © 2008–2013, Texas Instruments Incorporated
CLOCK SPECIFICATIONS
139
Submit Documentation Feedback
Product Folder Links: OMAP3530 OMAP3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com