Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3220AMDBVREP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REF3220AMDBVREP
Description  SOT23-6 SERIES VOLTAGE REFERENCES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3220AMDBVREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF3220AMDBVREP Datasheet HTML 6Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 7Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 8Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 9Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 10Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 11Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 12Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 13Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
V
BANDGAP
Vbe
1
-
+
Vbe
2
-
+
R1
Q
2
N
Q
1 I
REF3212-EP, REF3220-EP, REF3225-EP
REF3230-EP, REF3233-EP, REF3240-EP
SBVS078B
– OCTOBER 2006 – REVISED AUGUST 2011
www.ti.com
THEORY OF OPERATION
The REF32xx is a family of CMOS, precision bandgap voltage references. Figure 3 shows the basic bandgap
topology. Transistors Q1 and Q2 are biased so that the current density of Q1 is greater than that of Q2. The
difference of the two base-emitter voltages (Vbe1 – Vbe2) has a positive temperature coefficient and is forced
across resistor R1. This voltage is amplified and added to the base-emitter voltage of Q2, which has a negative
temperature coefficient. The resulting output voltage is virtually independent of temperature.
Figure 3. Simplified Schematic of Bandgap Reference
10
Submit Documentation Feedback
Copyright
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): REF3212-EP, REF3220-EP, REF3225-EP REF3230-EP, REF3233-EP, REF3240-EP
Not Recommended For
New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com