Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3220AMDBVREP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # REF3220AMDBVREP
Description  SOT23-6 SERIES VOLTAGE REFERENCES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3220AMDBVREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF3220AMDBVREP Datasheet HTML 10Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 11Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 12Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 13Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 14Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 15Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 16Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 17Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
1
2
3
6
5
4
R
LOAD
0.47 F
m
+5 V
GND_F
Contact and Trace Resistance
GND_S
ENABLE
OUT_F
OUT_S
IN
REF32xx
REF3212-EP, REF3220-EP, REF3225-EP
REF3230-EP, REF3233-EP, REF3240-EP
SBVS078B
– OCTOBER 2006 – REVISED AUGUST 2011
www.ti.com
Load Regulation
Load regulation is defined as the change in output voltage as a result of changes in load current. The load
regulation of the REF32xx is measured using force and sense contacts, as shown in Figure 7. The force and
sense lines can be used to effectively eliminate the impact of contact and trace resistance, resulting in accurate
voltage at the load. By connecting the force and sense lines at the load, the REF32xx compensates for the
contact and trace resistances because it measures and adjusts the voltage actually delivered at the load.
Figure 7. Accurate Load Regulation of REF32xx
The GND_S pin is connected to the internal ground of the device through ESD protection diodes. Because of
that connection, the maximum differential voltage between the GND_S and GND_F pins must be kept below
200mV to prevent these dioes from unintentionally turning on.
Load Capacitance Guidelines
The REF32xx series is designed to be stable with most capacitive loads. Common load capacitance values
range between 1
μF and 47 μF. To minimize noise and provide specified performance, all models will benefit
from an ESR value above 1
Ω with capacitive loads higher than 10 μF. However, the REF3212 must have an
ESR value above 1
Ω with capacitive loads higher than 10 μF to avoid oscillation.
14
Submit Documentation Feedback
Copyright
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): REF3212-EP, REF3220-EP, REF3225-EP REF3230-EP, REF3233-EP, REF3240-EP
Not Recommended For
New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com