Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3220AMDBVREP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # REF3220AMDBVREP
Description  SOT23-6 SERIES VOLTAGE REFERENCES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3220AMDBVREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF3220AMDBVREP Datasheet HTML 8Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 9Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 10Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 11Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 12Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 13Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 14Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 15Page - Texas Instruments REF3220AMDBVREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
1
2
3
6
5
4
V
REF
R
1
C
1
V
IN
REF3212-EP, REF3220-EP, REF3225-EP
REF3230-EP, REF3233-EP, REF3240-EP
SBVS078B
– OCTOBER 2006 – REVISED AUGUST 2011
www.ti.com
Figure 6. Application Circuit to Control the REF32xx ENABLE Pin
The RC filter in Figure 6 can be used as a starting point for the REF3240. The values for R1 and C1 have been
calculated so that the voltage at the ENABLE pin reaches 0.7V after the input voltage has reached 4.15V;
Table 2 lists these values. For output voltage options other than 4.096V, the RC filter can be made faster.
Table 2. Recommended R1 and C1 Values for the REF3240
RISE TIME
R1 VALUE
C1 VALUE
2ms
150k
Ω
100nF
5ms
150k
Ω
220nF
10ms
330k
Ω
220nF
20ms
390k
Ω
330nF
50ms
680k
Ω
470nF
100ms
680k
Ω
1000nF
In this document, rise time is defined as the time until an exponential input signal reaches 90% of its final
voltage. For example, the 2ms value shown in Table 2 is valid for an end value of 5V.
If the input voltage has a different shape or the end value is not 5V, then the time until the minimum dropout
voltage has been reached should be used to decide if the IN and ENABLE pins can be tied together. Table 3 lists
these times.
Table 3. Minimum Dropout Voltage Times
DEVICE
TIME
REF3212
0.4ms
REF3220
0.5ms
REF3225
0.7ms
REF3230
0.9ms
REF3233
1.0ms
REF3240
1.6ms
Note that because the leakage current of the EN pin is in the range of a few nA, it can be disregarded in most
applications.
12
Submit Documentation Feedback
Copyright
© 2006–2011, Texas Instruments Incorporated
Product Folder Link(s): REF3212-EP, REF3220-EP, REF3225-EP REF3230-EP, REF3233-EP, REF3240-EP
Not Recommended For
New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com