Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6440UTF Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6440UTF
Description  Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6440UTF Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6440UTF Datasheet HTML 4Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 5Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 6Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 7Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 8Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 9Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 10Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 11Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
has stabilized before power-converter or microproces-
sor activity is enabled.
These devices also have an independent µP supervisor
that monitors VCC and provides an active-low reset out-
put. A manual reset function is available to allow the
user to reset the µP with a push-button.
Low-Battery Output
The low-battery outputs are available in active-low
(LBO, LBOL, LBOH, LBOLH), open-drain configura-
tions. The low-battery outputs can be pulled to a volt-
age independent of VCC or VBATT, up to 5.5V. This
allows the device to monitor and operate from direct
battery voltage while interfacing to higher voltage
microprocessors.
The MAX6439/MAX6440 single-output voltage monitors
provide a single low-battery output, LBO. These fixed-
threshold devices assert LBO when VBATT drops below
VLTH and remain asserted for at least 150ms after
VBATT rises above VHTH (see Figure 2). The MAX6441/
MAX6442 triple-output voltage monitors provide three
low-battery outputs: LBOH, LBOL, and LBOLH. LBOH
asserts when VBATT drops below VHTH- and remains
asserted for at least 150ms after VBATT rises above
VHTH+. LBOL asserts when VBATT drops below VLTH-
and remains asserted for at least 150ms after VBATT
rises above VLTH+. LBOLH asserts when VBATT drops
below VLTH- and remains asserted for at least 150ms
after VBATT rises above VHTH+ (see Figure 3). For fast-
rising VBATT input, the LBOL timeout period must com-
plete before the LBOH/LBOLH timeout period begins.
Reset Output
The MAX6439–MAX6442 provide an active-low reset
output (RESET). RESET is asserted when the voltage at
VCC falls below the reset threshold level. Reset remains
asserted for the reset timeout period after VCC exceeds
the threshold. If VCC goes below the reset threshold
before the reset timeout period is completed, the inter-
nal timer restarts. The MAX6439/MAX6441 have open-
drain reset outputs, while the MAX6440/MAX6442 have
push-pull reset outputs (see Figure 4).
Low-Power, Single-/Dual-Level Battery Monitors
with Hysteresis and Integrated µP Reset
8
_______________________________________________________________________________________
5%
HYST
LTH
DETECT
VTH
DETECT
5%
HYST
HTH
DETECT
VBATT
VCC
1.23V
LBO
TIMEOUT
PERIOD
RESET
TIMEOUT
PERIOD
VCC
LBOL
LBOH
LBOLH
RESET
MR
MAX6441
Figure 1b. Functional Diagram
MAX6440
LTH
DETECT
HTH
DETECT
R
S
Q
LBO TIMEOUT
PERIOD
RESET
TIMEOUT
PERIOD
VTH
DETECT
VCC
VCC
VBATT
LBO
RESET
VCC
1.23V
Q
MR
Figure 1a. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com