Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6440UTF Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6440UTF
Description  Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6440UTF Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6440UTF Datasheet HTML 1Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 2Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 3Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 4Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 5Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 6Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 7Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 8Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Low-Power, Single-/Dual-Level Battery Monitors
with Hysteresis and Integrated µP Reset
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = 1.2V to 5.5V, VCC = 1.2V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6441UT_ J, MAX6442UT_ J
3.510
3.600
3.690
MAX6441UT_ I, MAX6442UT_ I
3.413
3.500
3.588
MAX6441UT_ H, MAX6442UT_ H
3.315
3.400
3.485
MAX6441UT_ G, MAX6442UT_ G
3.218
3.300
3.383
MAX6441UT_ T, MAX6442UT_ T
2.535
2.600
2.665
MAX6441UT_ S, MAX6442UT_ S
2.438
2.500
2.563
MAX6441UT_ R, MAX6442UT_ R
2.340
2.400
2.460
HTH- Threshold
HTH-
MAX6441UT_ Q, MAX6442UT_ Q
2.243
2.300
2.358
V
MAX6441UT_ J, MAX6442UT_ J
3.686
3.780
3.875
MAX6441UT_ I, MAX6442UT_ I
3.583
3.675
3.767
MAX6441UT_ H, MAX6442UT_ H
3.481
3.570
3.659
MAX6441UT_ G, MAX6442UT_ G
3.378
3.465
3.552
MAX6441UT_ T, MAX6442UT_ T
2.662
2.730
2.798
MAX6441UT_ S, MAX6442UT_ S
2.559
2.625
2.691
MAX6441UT_ R, MAX6442UT_ R
2.457
2.520
2.583
HTH+ Threshold
HTH+
MAX6441UT_ Q, MAX6442UT_ Q
2.355
2.415
2.476
V
MAX6441UTF, MAX6442UTF
3.023
3.100
3.178
MAX6441UTE, MAX6442UTE
2.925
3.000
3.075
MAX6441UTD, MAX6442UTD
2.828
2.900
2.973
MAX6441UTC, MAX6442UTC
2.730
2.800
2.870
MAX6441UTB, MAX6442UTB
2.633
2.700
2.768
MAX6441UTA, MAX6442UTA
2.535
2.600
2.665
MAX6441UTP, MAX6442UTP
2.048
2.100
2.153
MAX6441UTO, MAX6442UTO
1.950
2.000
2.050
MAX6441UTN, MAX6442UTN
1.853
1.900
1.948
MAX6441UTM, MAX6442UTM
1.755
1.800
1.845
MAX6441UTL, MAX6442UTL
1.658
1.700
1.743
LTH- Threshold
LTH-
MAX6441UTK, MAX6442UTK
1.560
1.600
1.640
V
MAX6441UTF, MAX6442UTF
3.174
3.255
3.337
MAX6441UTE, MAX6442UTE
3.071
3.150
3.229
MAX6441UTD, MAX6442UTD
2.969
3.045
3.121
MAX6441UTC, MAX6442UTC
2.867
2.940
3.014
MAX6441UTB, MAX6442UTB
2.764
2.835
2.906
MAX6441UTA, MAX6442UTA
2.662
2.730
2.798
MAX6441UTP, MAX6442UTP
2.150
2.205
2.260
MAX6441UTO, MAX6442UTO
2.048
2.100
2.153
MAX6441UTN, MAX6442UTN
1.945
1.995
2.045
MAX6441UTM, MAX6442UTM
1.843
1.890
1.937
MAX6441UTL, MAX6442UTL
1.740
1.785
1.830
LTH+ Threshold
LTH+
MAX6441UTK, MAX6442UTK
1.638
1.680
1.722
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com