Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6440UTF Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6440UTF
Description  Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6440UTF Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6440UTF Datasheet HTML 1Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 2Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 3Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 4Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 5Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 6Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 7Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 8Page - Maxim Integrated Products MAX6440UTF Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Low-Power, Single-/Dual-Level Battery Monitors
with Hysteresis and Integrated µP Reset
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VBATT = 1.2V to 5.5V, VCC = 1.2V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LBO, LBOL, LBOH, LBOLH
Timeout Period
tLBOP
VBATT rising above threshold
150
225
300
ms
LBO, LBOL, LBOH, LBOLH
Delay Time
tLBOD
VBATT falling below threshold
100
µs
(VBATT or VCC)
≥ 1.2V, ISINK = 50µA,
asserted low
0.3
(VBATT or VCC)
≥ 1.6V, ISINK = 100µA,
asserted low
0.3
(VBATT or VCC)
≥ 2.7V, ISINK = 1.2mA,
asserted low
0.3
LBO, LBOL, LBOH, LBOLH
Output Low
(Open Drain)
VOL
(VBATT or VCC)
≥ 4.5V, ISINK = 3.2mA,
asserted low
0.3
V
LBO, LBOL, LBOH, LBOLH
Output Open-Drain Leakage
Current
ILKG
Output deasserted
500
nA
MAX64_ _ _ _ _ _ T
3.000
3.075
3.150
MAX64_ _ _ _ _ _ S
2.850
2.925
3.000
MAX64_ _ _ _ _ _ R
2.550
2.625
2.700
MAX64_ _ _ _ _ _ Z
2.250
2.313
2.375
MAX64_ _ _ _ _ _ Y
2.125
2.188
2.250
MAX64_ _ _ _ _ _ W
1.620
1.665
1.710
VCC Reset Threshold
VTH
MAX64_ _ _ _ _ _ V
1.530
1.575
1.620
V
VCC Reset Hysteresis
0.3
%
VCC to RESET Delay
VCC falling at 10mV/µs from (VTH + 100mV)
to (VTH - 100mV)
50
µs
MAX64_ _ _ _ _ _ _ D3
150
225
300
VCC to RESET Timeout Period
tRP
MAX64_ _ _ _ _ _ _ D7
1200
1800
2400
ms
VIL
0.3 x VCC
MR Input Voltage
VIH
0.7 x VCC
V
MR Minimum Pulse Width
tMPW
1µs
MR Glitch Rejection
100
ns
MR to RESET Delay
200
ns
MR Reset Timeout Period
tMRP
150
225
300
ms
MR Pullup Resistance
MR to VCC
750
1500
2250
Ω
MR Rising Debounce Period
tDEB
(Note 3)
150
225
300
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com