Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2582 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2582
Description  Single Channel Hot Swap Controllers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2582 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2582 Datasheet HTML 9Page - Micrel Semiconductor MIC2582 Datasheet HTML 10Page - Micrel Semiconductor MIC2582 Datasheet HTML 11Page - Micrel Semiconductor MIC2582 Datasheet HTML 12Page - Micrel Semiconductor MIC2582 Datasheet HTML 13Page - Micrel Semiconductor MIC2582 Datasheet HTML 14Page - Micrel Semiconductor MIC2582 Datasheet HTML 15Page - Micrel Semiconductor MIC2582 Datasheet HTML 16Page - Micrel Semiconductor MIC2582 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
April 2003
13
MIC2582/MIC2583
MIC2582/MIC2583
Micrel
Functional Description
Hot Swap Insertion
When circuit boards are inserted into live system backplanes
and supply voltages, high inrush currents can result due to the
charging of bulk capacitance that resides across the supply pins
of the circuit board. This inrush current, although transient in
nature, may be high enough to cause permanent damage to on
board components or may cause the system’s supply voltages
to go out of regulation during the transient period which may
result in system failures. The MIC2582 and MIC2583 act as a
controller for external N-Channel MOSFET devices in which the
gate drive is controlled to provide inrush current limiting and
output voltage slew rate control during hot plug insertions.
Power Supply
VCC is the supply input to the MIC2582/83 controller with a
voltage range of 2.3V to 13.2V. The VCC input can withstand
transient spikes up to 20V. In order to ensure stability of the
supply voltage, a minimum 0.47
µF capacitor from VCC to
ground is recommended. Alternatively, a low pass filter, shown
in the typical application circuit (see Figure 1), can be used to
eliminate high frequency oscillations as well as help suppress
transient spikes.
Also, due to the existence of an undetermined amount of
parasitic inductance in the absence of bulk capacitance along
the supply path, placing a Zener diode at the VCC of the
controller to ground in order to provide external supply transient
protection is strongly recommended for relatively high current
applications (
≥3A). See Figure 1.
Start-Up Cycle
Supply Contact Delay
During a hot insert of a PC board into a backplane or when the
supply (VCC) is powered up, as the voltage at the ON pin rises
above its threshold (1.24V typical), the MIC2582/83 first checks
that both supply voltages are above their respective UVLO
thresholds. If so, the device is enabled and an internal 2.5
µA
current source begins charging capacitor C
POR to 0.3V to
initiate a start-up sequence. Once the start-up delay (t
START)
elapses, the CPOR pin is pulled immediately to ground and a
17
µA current source begins charging the GATE output to drive
the external MOSFET that switches V
IN to VOUT. The pro-
grammed contact start-up delay is calculated using the follow-
ing equation:
tC
V
I
0.12 C
( F)
START
POR
START
CPOR
POR
=×
≅
×
µ
(1)
where the start-up delay timer threshold (V
START) is 0.3V, and
the Power-On Reset timer current (I
CPOR) is 2.5µA. See Table
2 for some typical supply contact start-up delays using several
standard value capacitors. As the GATE voltage continues
ramping toward its final value (V
CC + VGS) at a defined slew rate
(See Load Capacitance/Gate Capacitance Dominated Start-
up sections), a second CPOR timing cycle begins if: 1)/FAULT
is high and 2)CFILTER is low (i.e., not an overvoltage,
undervoltage lockout, or overcurrent state). This second timing
cycle (t
POR) begins when the voltage at the FB pin exceeds its
threshold (V
FB). This condition indicates that the output voltage
is valid. See Figure 3 in the Timing Diagrams. When the power
supply is already present (i.e., not a “hot swapping” condition)
and the MIC2582/83 device is enabled by applying a logic high
signal at the ON pin, the GATE output begins ramping immedi-
ately as the first CPOR timing cycle is bypassed. Active current
regulation is employed to limit the inrush current transient
response during start-up by regulating the load current at the
programmed current limit value (See Current Limiting and Dual-
Level Circuit Breaker section). The following equation is used
to determine the nominal current limit value:
I
V
R
50mV
R
LIM
TRIPSLOW
SENSE
SENSE
==
(2)
where V
TRIPSLOW is the current limit slow trip threshold found
in the electrical table and R
SENSE is the selected value that will
set the desired current limit. There are two basic start-up modes
for the MIC2582/83: 1) Start-up dominated by load capacitance
and 2) start-up dominated by total gate capacitance. The
magnitude of the inrush current delivered to the load will
determine the dominant mode. If the inrush current is greater
than the programmed current limit (I
LIM), then load capacitance
is dominant. Otherwise, gate capacitance is dominant. The
expected inrush current may be calculated using the following
equation:
INRUSH I
C
C
17 A
C
C
GATE
LOAD
GATE
LOAD
GATE
≅×
≅ µ ×
(3)
where I
GATE is the GATE pin pull-up current, CLOAD is the load
capacitance, and C
GATE is the total GATE capacitance (CISS of
the external MOSFET and any external capacitor connected
from the MIC2582/83 GATE pin to ground).
Load Capacitance Dominated Start-Up
In this case, the load capacitance (C
LOAD) is large enough to
cause the inrush current to exceed the programmed current
limit but is less than the fast-trip threshold (or the fast-trip
threshold is disabled, ‘M’ option). During start-up under this
condition, the load current is regulated at the programmed
current limit value (I
LIM) and held constant until the output
voltage rises to its final value. The output slew rate and
equivalent GATE voltage slew rate is computed by the following
equation:
Output Voltage Slew Rate, dV
/dt
I
C
OUT
LIM
LOAD
=
(4)
where I
LIM is the programmed current limit value. Conse-
quently, the value of C
FILTER must be selected to ensure that
the overcurrent response time, t
OCSLOW, exceeds the time
needed for the output to reach its final value. For example, given
a MOSFET with an input capacitance C
ISS = CGATE = 4700pF,
C
LOAD is 2200µF, and ILIM is set to 6A with a 12V input, then the
load capacitance dominates as determined by the calculated
INRUSH > I
LIM. Therefore, the output voltage slew rate deter-
mined from Equation 4 is:
Output Voltage Slew Rate, dV
/dt
6A
2200 F
2.73
V
ms
OUT
=
µ
=
and the resulting t
OCSLOW needed to achieve a 12V output is
approximately 4.5ms. (See Power-On Reset and Overcurrent
Timer Delays section to calculate t
OCSLOW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com