Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2582 Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MIC2582
Description  Single Channel Hot Swap Controllers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2582 Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MIC2582 Datasheet HTML 14Page - Micrel Semiconductor MIC2582 Datasheet HTML 15Page - Micrel Semiconductor MIC2582 Datasheet HTML 16Page - Micrel Semiconductor MIC2582 Datasheet HTML 17Page - Micrel Semiconductor MIC2582 Datasheet HTML 18Page - Micrel Semiconductor MIC2582 Datasheet HTML 19Page - Micrel Semiconductor MIC2582 Datasheet HTML 20Page - Micrel Semiconductor MIC2582 Datasheet HTML 21Page - Micrel Semiconductor MIC2582 Datasheet HTML 22Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
April 2003
21
MIC2582/MIC2583
MIC2582/MIC2583
Micrel
MOSFET Vendors
Key MOSFET Type(s)
Applications*
Contact Information
Vishay (Siliconix)
Si4420DY (SO-8 package)
IOUT ≤ 10A
www.siliconix.com
Si4442DY (SO-8 package)
IOUT = 10-15A, VCC < 3V
(203) 452-5664
Si4876DY (SO-8 package)
IOUT ≤ 5A, VCC ≤ 5V
Si7892DP (PowerPAK™ SO-8)
IOUT ≤15A
International Rectifier
IRF7413 (SO-8 package)
IOUT ≤ 10A
www.irf.com
IRF7457 (SO-8 package)
IOUT = 10-15A
(310) 322-3331
IRF7601 (SO-8 package)
IOUT ≤ 5A, VCC < 3V
Fairchild Semiconductor
FDS6680A (SO-8 package)
IOUT ≤ 10A
www.fairchildsemi.com
(207) 775-8100
Philips
PH3230 (SOT669-LFPAK)
IOUT ≥ 20A
www.philips.com
Hitachi
HAT2099H (LFPAK)
IOUT ≥ 20A
www.halsp.hitachi.com
(408) 433-1990
* These devices are not limited to these conditions in many cases, but these conditions are provided as a helpful reference for customer applications.
Resistor Vendors
Sense Resistors
Contact Information
Vishay (Dale)
“WSL” Series
www.vishay.com/docswsl_30100.pdf
(203) 452-5664
IRC
“OARS” Series
www.irctt.com/pdf_files/OARS.pdf
“LR” Series
www.irctt.com/pdf_files/LRC.pdf
(second source to “WSL”)
(828) 264-8861
Table 4. MOSFET and Sense Resistor Vendors
Power MOSFET, timer(s), and feedback network connec-
tions. The feedback network resistor values are selected for
a 12V application. Many hot swap applications will require
load currents of several amperes. Therefore, the power (V
CC
and Return) trace widths (W) need to be wide enough to allow
the current to flow while the rise in temperature for a given
copper plate (e.g., 1oz. or 2oz.) is kept to a maximum of
10
°C~25°C. Also, these traces should be as short as possible
in order to minimize the IR drops between the input and the
load. For a starting point, there are many trace width calcu-
lation tools available on the web such as the following link:
http://www.aracnet.com/cgi-usr/gpatrick/trace.pl
Finally, the use of plated-through vias will be needed to make
circuit connections to power and ground planes when utilizing
multi-layer PC boards.
MOSFET and Sense Resistor Vendors
Device types and manufacturer contact information for power
MOSFETs and sense resistors is provided in Table 4. Some
of the recommended MOSFETs include a metal heat sink on
the bottom side of the package. The recommended trace for
the MOSFET Gate of Figure 11 must be redirected when
using MOSFETs packaged in this style. Contact the device
manufacturer for package information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com