Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL565-68QC-R Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # PL565-68QC-R
Description  Analog Frequency Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL565-68QC-R Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button PL565-68QC-R Datasheet HTML 4Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 5Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 6Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 7Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 8Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 9Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 10Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 11Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
(Preliminary)
Analog Frequency Multiplier
PL565-68 VCXO
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 9 44-0800 • fax +1(408) 474-1000 • www.micrel.com Rev 12/08/11 Page 8
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RAT INGS
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, DC
VI
GND-0.5
VDD+0.5
V
Output Voltage, DC
VO
GND-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
C
Ambient Operating Temperature, Industrial
TA_I
-40
+85
C
Ambient Operating Temperature, Commercial
TA_C
0
+70
C
Junction Temperature
TJ
125
C
Lead Temperature (soldering, 10s)
260
C
Input Static Discharge Voltage Protection (HBM)
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the dev ice at these or any other
conditions above the operational limits noted in this specification is not implied
.
VOLTAGE CONTROL SPECIFICATION
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time
TVCXOSTB
From power valid
10
ms
VCXO Tuning Range*
XTAL C0 /C1 <300
200
ppm
CLK Output Pullability*
VCON= 1.65V,
 1.65V
XTAL C0 /C1 <300
100
120
ppm
Linearity
5
10
%
VCON Input Impedance
10
VCON Modulation BW
0V < VCON < 3.3V, -3dB
40
kHz
* Note: The VCXO Tuning Range and Pullability can be controlled with the value for inductor L1X. See Tuning Assistant documen t for a
guide to chose the L1X value based upon crystal frequency and m otional parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com