Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL565-68QC-R Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # PL565-68QC-R
Description  Analog Frequency Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL565-68QC-R Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button PL565-68QC-R Datasheet HTML 4Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 5Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 6Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 7Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 8Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 9Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 10Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 11Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
(Preliminary)
Analog Frequency Multiplier
PL565-68 VCXO
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 9 44-0800 • fax +1(408) 474-1000 • www.micrel.com Rev 12/08/11 Page 11
PACKAGE INFORMAT ION
QFN-16L
Pin1 Dot
DDD
A
b
D1
e
L
SEATING
PLANE
A1
A3
Min
Nom
Max
A
0.70
0.75
0.80
A1
0.00
-
0.05
A3
b
0.20
0.25
0.30
D
2.95
3.00
3.05
E
2.95
3.00
3.05
D1
1.65
1.70
1.75
E1
1.65
1.70
1.75
L
0.250
0.300
0.350
e
0.50BSC
Symbol
Dimension (mm)
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com