Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL565-68QC-R Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # PL565-68QC-R
Description  Analog Frequency Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL565-68QC-R Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button PL565-68QC-R Datasheet HTML 4Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 5Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 6Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 7Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 8Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 9Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 10Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 11Page - Micrel Semiconductor PL565-68QC-R Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
(Preliminary)
Analog Frequency Multiplier
PL565-68 VCXO
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 9 44-0800 • fax +1(408) 474-1000 • www.micrel.com Rev 12/08/11 Page 9
LVPECL ELECTRICAL CHARACTERISTICS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, loaded outputs
IDD
Fout = 311.04MHz
75
80
mA
Operating Voltage
VDD
2.97
3.63
V
Output Clock Duty Cycle
@VDD–1.3V
45
50
65
%
Output High Voltage
VOH
RL = 50Ω to
(VDD – 2V)
VDD-1.025
V
Output Low Voltage
VOL
VDD-1.620
V
Clock Rise Time
tr
@ 20/80%
0.25
0.45
ns
Clock Fall Time
tf
@ 80/20%
0.25
0.45
ns
OUT
OUT
50?
50?
LVPECL Levels Test Circuit
LVPECL Transistion Time Waveform
OUT
OUT
20%
80%
tR
tF
VDD
DUTY CYCLE
45 - 55%
55 - 45%
2.0V
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com