Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL123E-05HSI-R Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # PL123E-05HSI-R
Description  Low Skew Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123E-05HSI-R Datasheet(HTML) 5 Page - Micrel Semiconductor

  PL123E-05HSI-R Datasheet HTML 1Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 2Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 3Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 4Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 5Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 6Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 7Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 8Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
(Preliminary)
PL123E-05
Low Skew Zero Delay Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 12/13/11 Page 5
3.3V DC Electrical Specifications
Description
Parameter
Test Conditions
Min
Max
Unit
Supply Voltage
VDD
2.97
3.63
V
Input LOW Voltage
VIL
–
0.8
V
Input HIGH Voltage
VIH
2.5
VDD + 0.3
V
Input Leakage Current
IIL
0 < VIN < VIL
–
±10
µA
Input HIGH Current
IIH
VIN = VDD
–
100
µA
Output LOW Voltage
VOL
IOL = 8 mA (Standard Drive)
IOL = 12 mA (High Drive)
–
–
0.4
0.4
V
V
Output HIGH Voltage
VOH
IOH = –8 mA (Standard Drive)
IOH = –12 mA (High Drive)
2.4
2.4
–
–
V
V
Supply Current
IDD
Unloaded outputs, 66-MHz REF
–
45
mA
2.5V DC Electrical Specifications
Description
Parameter
Test Conditions
Min
Max
Unit
Supply Voltage
VDD
2.25
2.75
V
Input LOW Voltage
VIL
–
0.7
V
Input HIGH Voltage
VIH
1.7
VDD + 0.3
V
Input Leakage Current
IIL
0<VIN < VDD
–
10
µA
Input HIGH Current
IIH
VIN = VDD
–
100
µA
Output LOW Voltage
VOL
IOL = 8 mA (Standard Drive)
IOL = 12 mA (High Drive)
–
–
0.5
0.5
V
Output HIGH Voltage
VOH
IOH = –8 mA (Standard Drive)
IOH = –12 mA (High Drive)
VDD – 0.6
VDD – 0.6
–
–
V
Supply Current
IDD
Unloaded outputs, 66-MHz REF
–
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com