Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL123E-05HSI-R Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # PL123E-05HSI-R
Description  Low Skew Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123E-05HSI-R Datasheet(HTML) 3 Page - Micrel Semiconductor

  PL123E-05HSI-R Datasheet HTML 1Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 2Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 3Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 4Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 5Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 6Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 7Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 8Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
(Preliminary)
PL123E-05
Low Skew Zero Delay Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 12/13/11 Page 3
LAYOUT RECOMMENDATIONS
The following guidelines are to assist y ou with a performance optimized PCB design:
Signal Integrity and Termination
Considerations
- Keep traces short!
- Trace = Inductor. With a capacitive load this
equals ringing!
- Long trace = Transmission Line. Without proper
termination this will cause reflections ( looks like
ringing ).
- Design long traces as “striplines” or “microstrips”
with defined impedance.
- Match trace at one side to avoid reflections bounc-
ing back and forth.
Decoupling and Power Supply
Considerations
- Place decoupling capacitors as close as possible to
the VDD pin(s) to limit noise from the power supply
- Addition of a ferrite bead in series with VDD can
help prevent noise from other board sources
- Value of decoupling capacitor is frequency de-
pendant. Typical values to use are 0.1
F for de-
signs using frequencies < 50MHz and 0.01
F for
designs using frequencies > 50MHz.
Typical CMOS termination
Place Series Resistor as close as possible to CMOS output
CMOS Output Buffer
( Typical buffer impedance 20

To CMOS Input
50
 line
Connect a 33 series
resistor at each of the output
clocks to enhance the
stability of the output signal



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com