Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL123E-05HSI-R Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # PL123E-05HSI-R
Description  Low Skew Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123E-05HSI-R Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button PL123E-05HSI-R Datasheet HTML 2Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 3Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 4Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 5Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 6Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 7Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 8Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 9Page - Micrel Semiconductor PL123E-05HSI-R Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
(Preliminary)
PL123E-05
Low Skew Zero Delay Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 12/13/11 Page 10
ORDERING INFORM ATION (GREEN PACKAGE COM PLIANT)
Micrel Inc., reserves the right to make changes in its products or specif ications, or both at any time without notice. The information furnished by Micrel
is believed to be accurate and reliable. However, Micrel makes no guarantee or warranty concerning the accuracy of said info rmation and shall not be
responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: Micrel’s products are not authorized for use as critical components in life support devices or systems without the express
written approval of the President of Micrel Inc.
For part ordering, please contact our Sales Department:
2180 Fortune Drive, San Jose, CA 95131, USA
Tel: (408) 944-0800 Fax: (408) 474-1000
PART NUMBER
The order number for this device is a combination of the following:
Part number, Package type and Operating temperature range
PL123E-05(H) S X - X
Part Number
H=High Drive
None = Standard Drive
Package Type
S=SOP
None=Tubes
R=Tape & Reel
Temperature Range
C=Commercial (0°C to 70°C)
I=Industrial (-40°C to 85°C)
Part/Order Number
Marking*
Package Option
PL123E-05SC
P123E05
SC
LLLLL
8-Pin SOP Tube
PL123E-05SC-R
8-Pin SOP (Tape and Reel)
PL123E-05HSC
P123E05H
SC
LLLLL
8-Pin SOP Tube
PL123E-05HSC-R
8-Pin SOP (Tape and Reel)
PL123E-05SI
P123E05
SI
LLLLL
8-Pin SOP Tube
PL123E-05SI-R
8-Pin SOP (Tape and Reel)
PL123E-05HSI
P123E05H
SI
LLLLL
8-Pin SOP Tube
PL123E-05HSI-R
8-Pin SOP (Tape and Reel)
*Note:
LLLLL designates lot number



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com