Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL102-10SC-R Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL102-10SC-R
Description  Low Skew Output Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL102-10SC-R Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL102-10SC-R Datasheet HTML 1Page - Micrel Semiconductor PL102-10SC-R Datasheet HTML 2Page - Micrel Semiconductor PL102-10SC-R Datasheet HTML 3Page - Micrel Semiconductor PL102-10SC-R Datasheet HTML 4Page - Micrel Semiconductor PL102-10SC-R Datasheet HTML 5Page - Micrel Semiconductor PL102-10SC-R Datasheet HTML 6Page - Micrel Semiconductor PL102-10SC-R Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PL102-10
Low Skew Output Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 2/5/09 Page 1
FEATURES
 Frequency Range:
− 15 to 170MHz @ 3.3V
− 15 to 145MHz @ 2.5V
 Internal Phase Locked Loop Allows Spread
Spectrum Modulation on Reference Clock to
Pass to Outputs.
 Zero Input to Output Delay
 Less Than 700ps Device to Device Skew
 Less Than 200ps Skew Between Outputs
 Less Than 100ps Cycle to Cycle Jitter
 2.5V or 3.3V Power Supply
 Available in 8-Pin SOP or 6-pin SOT GREEN/ RoHS
Compliant Packages
PIN CONFIGURATION
DESCRIPTION
The PL102-10 is a high performance, low skew, low jitter zero delay buffer designed to distribute high speed
clocks and is available in 8-pin SOP or 6-pin SOT23 package. It has two outputs that are synchronized with the
input. The synchronization is established via CLKOUT feed back to the input of the PLL. Since the skew between
the input and output is less than
350 ps, the device acts as a zero delay buffer.
BLOCK DIAGRAM
PLL
REFIN
CLKOUT
CLK1
CLK2
1
2
3
4
5
6
7
8
REFIN
CLK1
CLK2
CLKOUT
DNC
VDD
DNC
GND
SOP-8L
1
2
3
4
5
6
CLK1
GND
REFIN
CLK2
CLKOUT
VDD
SOT23-6L


Similar Part No. - PL102-10SC-R

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL102-1Y1G0113 P-TEC-PL102-1Y1G0113 Datasheet
31Kb / 1P
Miniature Bi-Level LED Holder
PL102-1Y1G01131 P-TEC-PL102-1Y1G01131 Datasheet
31Kb / 1P
PL102 Series 1.8mm Miniature Bi-Level LED Holder
PL102-1Y1G0113 P-TEC-PL102-1Y1G0113_14 Datasheet
31Kb / 1P
Miniature Bi-Level LED Holder
More results

Similar Description - PL102-10SC-R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-06 ICST-ICS9112-06 Datasheet
210Kb / 8P
Low Skew Output Buffer
Rev H 1/22/99
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL102-05 PLL-PLL102-05 Datasheet
222Kb / 6P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0204 ABRACON-ABB0204 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
ABB0205 ABRACON-ABB0205 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
logo
Integrated Circuit Syst...
ICS9112A-16 ICST-ICS9112A-16 Datasheet
97Kb / 8P
Low Skew Output Buffer
logo
Integrated Device Techn...
AV9172 IDT-AV9172 Datasheet
401Kb / 8P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
Low Skew Output Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com