Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL123-09SC-R Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL123-09SC-R
Description  Low Skew Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL123-09SC-R Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL123-09SC-R Datasheet HTML 1Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 2Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 3Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 4Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 5Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 6Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 7Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 8Page - Micrel Semiconductor PL123-09SC-R Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PL123-05/-09
Low Skew Zero Delay Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 4/22/13
Page 1
FEATURES
 Frequency Range 10MHz to 134 MHz
 Output Options:
o
5 outputs PL123-05
o
9 outputs PL123-09
 Zero input - output delay
 Optional Drive Strength:
Standard (8mA) PL123-05/-09
High (12mA)
PL123-05H/-09H
 3.3V, ±10% operation
 Available in Commercial and Industrial temperature
ranges
 Available in 16-Pin SOP or TSSOP (PL123-09),
and 8-Pin SOP (PL123-05) packages
DESCRIPTION
The PL123-05/-09 (-05H/-09H for High Drive) are high
performance, low skew, low jitter zero delay buffers
designed to distribute high speed clocks. They have
one (PL123-05) or two (PL123-09) low-skew output
banks, of 4 outputs each, that are synchronized with
the input. The PL123-09 allows control of the banks of
outputs by using the S1 and S2 inputs as shown in the
Selector Definition table on page 2.
The synchronization is established via CLKOUT feed
back to the input of the PLL. Since the skew between
the input and output is less than
100ps, the device
acts as a zero delay buffer. The input output propaga-
tion delay can be advanced or delayed by adjusting the
load on the CLKOUT pin.
These parts are not intended for 5V input-tolerant ap-
plications.
BLOCK DIAGRAM
PLL
REF
CLKOUT
CLKA1
CLKA2
CLKA3
CLKA4
Mux
CLKB1
CLKB2
CLKB3
CLKB4
S1
S2
1
REF
CLKA1
CLKA2
VDD
CLKOUT
CLKA4
CLKA3
VDD
GND
CLKB4
CLKB3
S1
10
11
12
13
14
15
16
9
8
7
6
5
4
3
2
S2
CLKB2
CLKB1
GND
Selector
Inputs
(PL123-09 Only)
1
2
3
4
REF
5
6
7
8
CLKA2
CLKA1
GND
CLKOUT
CLKA4
VDD
CLKA3


Similar Part No. - PL123-09SC-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL123-09SC-R MICREL-PL123-09SC-R Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
More results

Similar Description - PL123-09SC-R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS574 ICST-ICS574 Datasheet
55Kb / 4P
Zero Delay, Low Skew Buffer
Revision 051801
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
ICS671-15 ICST-ICS671-15 Datasheet
137Kb / 6P
ZERO DELAY, LOW SKEW BUFFER
MK2304-2 ICST-MK2304-2 Datasheet
134Kb / 5P
ZERO DELAY, LOW SKEW BUFFER
Revision 050306
MK2308-2 ICST-MK2308-2 Datasheet
121Kb / 5P
ZERO DELAY LOW SKEW BUFFER
Revision 111103
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
ZERO DELAY, LOW SKEW BUFFER
072710
MK2304-2 RENESAS-MK2304-2 Datasheet
330Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
MK2308-2 RENESAS-MK2308-2 Datasheet
333Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com