Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5070AREZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5070AREZ-R7
Description  Independent Positive and Negative Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5070AREZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5070AREZ-R7 Datasheet HTML 1Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 2Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 3Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 4Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 5Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 6Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 7Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 8Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADP5070
Data Sheet
Rev. A | Page 4 of 27
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
INVERTING REGULATOR
Reference Voltage
VREF
1.60
V
Reference Voltage Accuracy
−0.5
+0.5
%
TJ = 25°C
−1.5
+1.5
%
TJ = −40°C to +125°C
Feedback Voltage
VREF − VFB2
0.8
V
Feedback Voltage Accuracy
−0.5
+0.5
%
TJ = 25°C
−1.5
+1.5
%
TJ = −40°C to +125°C
Feedback Bias Current
IFB2
0.1
µA
Overvoltage Protection Threshold
VOV2
0.74
V
At FB2 pin after soft start has completed
Load Regulation
∆(VREF − VFB2)/
ILOAD2
0.0004
%/mA
ILOAD21 = 5 mA to 75 mA
Line Regulation
∆(VREF − VFB2)/
VPVIN2
0.003
%/V
VPVIN2 = 2.85 V to 14.5 V, ILOAD21 = 15 mA
EA Transconductance
gM2
270
300
330
µA/V
Power FET On Resistance
RDS (ON) INVERTER
350
Power FET Maximum Drain Source
Voltage
VDS(MAX)INVERTER
39
V
Current-Limit Threshold
ILIM (INVERTER)
600
660
720
mA
Minimum On Time
60
ns
Minimum Off Time
50
ns
SOFT START
Soft Start Timer for Boost and Inverting
Regulators
tSS
4
ms
SS = open
32
ms
SS resistor = 50 kΩ to GND
Hiccup Time
tHICCUP
8 × tSS
ms
THERMAL SHUTDOWN
Threshold
TSHDN
150
°C
Hysteresis
THYS
15
°C
1
ILOADx is the current through a resistive load connected across the output capacitor (where x is 1 for the boost regulator load and 2 for the inverting regulator load).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com