Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5070AREZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5070AREZ-R7
Description  Independent Positive and Negative Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5070AREZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5070AREZ-R7 Datasheet HTML 19Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 20Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 21Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 22Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 23Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 24Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 25Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 26Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
ADP5070
Data Sheet
Rev. A | Page 22 of 27
COMMON APPLICATIONS
Table 9 through Table 11 list a number of common component
selections for typical VIN and VOUT conditions. These have been
bench tested and provide an off the shelf solution. Note that when
pairing a boost and inverting regulator bill of materials, choose
the same VIN and switching frequency. To optimize components
for an application, it is recommend to use the ADIsimPower
toolset.
Figure 47 shows the schematic referenced by Table 9 through
Table 11 with example component values for +5 V to ±15 V
generation. Table 9 shows the components common to all of the
VIN and VOUT conditions.
Table 9. Recommended Common Components Selections
REF
Value
Part Number
Manufacturer
CIN1
10 µF
TMK316B7106KL-TD
Taiyo Yuden
CVREG
1 µF
GRM188R71A105KA61D
Murata
CVREF
1 µF
GRM188R71A105KA61D
Murata
ADP5070
SS
INBK
SW1
COMP1
RC1
12kΩ
CC1
47nF
COMP2
RC2
15kΩ
CC2
68nF
CVREG
1µF
VREG
EN1
SYNC/FREQ
SLEW
SEQ
EN2
AGND
PVIN1
PVIN2
PVINSYS
CIN1
10µF
VIN
+5V
FB1
D1
DFLS240
L1
6.8µH
L2
15µH
RFB1
137kΩ
RFT1
2.43MΩ
VPOS
+15V
SW2
PGND
FB2
VREF
D2
DFLS240
RFB2
118kΩ
VNEG
–15V
CVREF
1µF
COUT1
10µF
COUT2
10µF
RFT2
2.32MΩ
Figure 47. Typical +5 V to ±15 V Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com