Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5070AREZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADP5070AREZ-R7
Description  Independent Positive and Negative Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5070AREZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADP5070AREZ-R7 Datasheet HTML 20Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 21Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 22Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 23Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 24Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 25Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 26Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 27Page - Analog Devices ADP5070AREZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Data Sheet
ADP5070
Rev. A | Page 25 of 27
SEPIC STEP-UP/STEP-DOWN OPERATION
SEPIC operation allows the positive output channel to produce
a voltage higher or lower than VIN. Both standalone and coupled
inductors are supported for this application. SEPIC designs are
supported in the ADIsimPower toolset.
ADP5070
SS
INBK
SW1
RC1
CC1
COMP1
RC2
CC2
COMP2
CVREG
1µF
VREG
EN1
SYNC/FREQ
SLEW
SEQ
EN2
AGND
PVIN1
PVIN2
PVINSYS
CIN1
10µF
VIN = +12V
FB1
D1
L1A
L1B
L2
RFB1
RFT1
+5V/400mA
SW2
PGND
FB2
VREF
D2
RFB2
RFT2
–5V/400mA
CVREF
1µF
CS1
COUT1
COUT2
STANDALONE OR
COUPLED-INDUCTOR
Figure 49. SEPIC Application for +12 V in to ±5 V Output Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com