Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7157ACPZ-03-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP7157ACPZ-03-R7
Description  High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7157ACPZ-03-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP7157ACPZ-03-R7 Datasheet HTML 11Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 12Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 13Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 14Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 15Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 16Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 17Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 18Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
ADP7157
Data Sheet
Rev. A | Page 14 of 23
APPLICATIONS INFORMATION
ADIsimPOWER DESIGN TOOL
The ADP7157 is supported by the ADIsimPower™ design tool set.
ADIsimPower is a collection of tools that produces complete
power designs optimized for a specific design goal. The tools
enable the user to generate a full schematic, bill of materials,
and calculate performance within minutes. ADIsimPower can
optimize designs for cost, area, efficiency, and device count,
taking into consideration the operating conditions and limitations
of the IC and all real external components. For more information
about, and to obtain ADIsimPower design tools, visit
www.analog.com/ADIsimPower.
CAPACITOR SELECTION
Multilayer ceramic capacitors (MLCCs) combine small size, low
ESR, low effective series inductance (ESL), and wide operating
temperature range, making them an ideal choice for bypass
capacitors. They are not without faults, however. Depending on
the dielectric material, the capacit-ance can vary dramatically
with temperature, dc bias, and ac signal level. Therefore, selecting
the proper capacitor results in the best circuit performance.
Output Capacitor
The ADP7157 is designed for operation with ceramic capacitors
but functions with most commonly used capacitors when care
is taken with regard to the ESR value. The ESR of the output
capacitor affects the stability of the LDO control loop. A minimum
of 10 µF capacitance with an ESR of 0.2 Ω or less is recommended
to ensure the stability of the ADP7157. Output capacitance also
affects transient response to changes in load current. Using a
larger value of output capacitance improves the transient
response of the ADP7157 to large changes in load current.
Figure 44 shows the transient responses for an output
capacitance value of 10 µF.
CH1 500mA
CH2 5.00mV
M4.00µs
A CH1
700mA
T 21.10%
B
W
B
W
SLEW RATE = 2.5A/µs
IOUT
VOUT
Figure 44. Output Transient Response, VOUT = 3.3 V, COUT = 10 µF,
Channel 1 = Load Current, Channel 2 = VOUT
Input and VREG Capacitor
Connecting a 10 µF or greater capacitor from VIN to ground
reduces the circuit sensitivity to PCB layout, especially when
long input traces or high source impedance are encountered.
To maintain the best possible stability and PSRR performance,
connect a 1 µF or greater capacitor from VREG to ground.
REF Capacitor
The REF capacitor, CREF, is necessary to stabilize the reference
amplifier. Connect a 1 µF or greater capacitor between REF and
ground
BYP Capacitor
The BYP capacitor, CBYP, is necessary to filter the reference
buffer. A 1 µF capacitor is typically connected between BYP and
ground. Capacitors as small as 0.1 µF can be used; however, the
output noise voltage of the LDO increases as a result.
In addition, the BYP capacitor value can be increased to reduce
the noise below 1 kHz at the expense of increasing the start-up
time of the LDO. Very large values of CBYP significantly reduce
the noise below 10 Hz. Tantalum capacitors are recommended
for capacitors larger than approximately 33 µF because solid
tantalum capacitors are less prone to microphonic noise issues.
A 1 μF ceramic capacitor in parallel with the larger tantalum
capacitor is recommended to ensure good noise performance at
higher frequencies.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1
10
100
1000
10Hz TO 100kHz
100Hz TO 100kHz
CBYP (µF)
Figure 45. RMS Output Noise vs. Bypass Capacitance (CBYP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com