Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7157ACPZ-03-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP7157ACPZ-03-R7
Description  High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7157ACPZ-03-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP7157ACPZ-03-R7 Datasheet HTML 14Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 15Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 16Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 17Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 18Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 19Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 20Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 21Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Data Sheet
ADP7157
Rev. A | Page 17 of 23
START-UP TIME
The ADP7157 uses an internal soft start to limit the inrush
current when the output is enabled. The start-up time for a
3.3 V output is approximately 1.2 ms from the time the EN
active threshold is crossed to when the output reaches 90% of
its final value.
The rise time in seconds of the output voltage (10% to 90%) is
approximately 0.0012 × CBYP, where CBYP is in microfarads.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2
4
6
8
10
12
14
16
18
20
TIME (ms)
–2
0
EN
1µF
4.7µF
10µF
Figure 53. Typical Start-Up Behavior with CBYP = 1 µF
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
20
40
60
80
100
120
140
160
TIME (ms)
EN
10µF
47µF
100µF
–20
0
Figure 54. Typical Start-Up Behavior with CBYP = 1 µF to 100 µF
REF, BYP, AND VREG PINS
REF, BYP, and VREG generate voltages internally (VREF, VBYP,
and VREG) that require external bypass capacitors for proper
operation. Do not, under any circumstances, connect any loads
to these pins, because doing so compromises the noise and
PSRR performance of the ADP7157. Using larger values of CBYP,
CREF, and CREG is acceptable but can increase the start-up time,
as described in the Start-Up Time section.
CURRENT-LIMIT AND THERMAL SHUTDOWN
The ADP7157 is protected against damage due to excessive
power dissipation by current and thermal overload protection
circuits. The ADP7157 is designed to current limit when the
output load reaches 1.8 A (typical). When the output load
exceeds 1.8 A, the output voltage is reduced to maintain a
constant current limit.
When the ADP7157 junction temperature exceeds 150°C, the
thermal shutdown circuit turns off the output voltage, reducing
the output current to zero. Extreme junction temperature can
be the result of high current operation, poor circuit board
design, or high ambient temperature. A 15°C hysteresis is
included so that the ADP7157 does not return to operation after
thermal shutdown until the on-chip temperature falls below
135°C. When the device exits thermal shutdown, a soft start is
initiated to reduce the inrush current.
Current limit and thermal shutdown protections are intended to
protect the device against accidental overload conditions. Cases
with a hard short from VOUT to ground or an extremely long
soft-start timer typically cause the device to experience thermal
oscillations between current limit and thermal shutdown.
THERMAL CONSIDERATIONS
In applications with a low input to output voltage differential, the
ADP7157 does not dissipate much heat. However, in applications
with high ambient temperature and/or high input voltage, the
heat dissipated in the package may become large enough that it
causes the junction temperature of the die to exceed the
maximum junction temperature of 125°C.
The junction temperature of the die is the sum of the ambient
temperature of the environment and the temperature rise of the
package due to the power dissipation, as shown in Equation 2.
To guarantee reliable operation, the junction temperature of the
ADP7157 must not exceed 125°C. To ensure that the junction
temperature stays below this maximum value, the user must be
aware of the parameters that contribute to junction temperature
changes. These parameters include ambient temperature, power
dissipation in the power device, and thermal resistances between
the junction temperature and ambient air (θJA). The θJA number
is dependent on the package assembly compounds used, as well as
the amount of copper used to solder the package ground and the
exposed pad to the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com