Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7157ACPZ-03-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP7157ACPZ-03-R7
Description  High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7157ACPZ-03-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP7157ACPZ-03-R7 Datasheet HTML 15Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 16Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 17Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 18Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 19Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 20Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 21Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 22Page - Analog Devices ADP7157ACPZ-03-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADP7157
Data Sheet
Rev. A | Page 18 of 23
Table 7 shows typical θJA values of the 8-lead SOIC and 10-lead
LFCSP packages for various PCB copper sizes.
Table 8 shows the typical ΨJB values of the 8-lead SOIC and
10-lead LFCSP.
Table 7. Typical θJA Values
θJA (°C/W)
Copper Size (mm2)
10-Lead LFCSP
8-Lead SOIC
251
130.2
123.8
100
93.0
90.4
500
65.8
66.0
1000
55.6
56.6
6400
44.1
45.5
1 Device soldered to minimum size pin traces.
Table 8. Typical ΨJB Values
Package
ΨJB (°C/W)
10-Lead LFCSP
29.1
8-Lead SOIC
30.1
The junction temperature of the ADP7157 is calculated from the
following equation:
TJ = TA + (PD × θJA)
(2)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = ((VIN − VOUT) × ILOAD) + (VIN × IGND)
(3)
where:
VIN and VOUT are the input and output voltages, respectively.
ILOAD is the load current.
IGND is the ground current.
Power dissipation caused by ground current is quite small and
can be ignored. Therefore, the junction temperature equation
simplifies to the following equation:
TJ = TA + (((VIN − VOUT) × ILOAD) × θJA)
(4)
As shown in Equation 4, for a given ambient temperature, input
to output voltage differential, and continuous load current, a
minimum copper size requirement exists for the PCB to ensure
that the junction temperature does not rise above 150°C.
The heat dissipation from the package can be improved by
increasing the amount of copper attached to the pins and
exposed pad of the ADP7157. Adding thermal planes
underneath the package also improves thermal performance.
However, as shown in Table 7, a point of diminishing returns is
eventually reached, beyond which an increase in the copper
area does not yield significant reduction in the junction to
ambient thermal resistance.
Figure 55 to Figure 60 show junction temperature calculations
for different ambient temperatures, power dissipation, and areas
of PCB copper.
0
20
40
60
80
100
120
140
0
0.20.40.60.81.0 1.21.41.61.82.02.22.42.6 2.83.0
TOTAL POWER DISSIPATION (W)
6400mm2
500mm2
25mm2
TJ MAXIMUM
Figure 55. Junction Temperature vs. Total Power Dissipation for
the 10-Lead LFCSP, TA = 25°C
20
40
60
80
100
120
140
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6
TOTAL POWER DISSIPATION (W)
6400mm2
500mm2
25mm2
TJ MAXIMUM
Figure 56. Junction Temperature vs. Total Power Dissipation for
the 10-Lead LFCSP, TA = 50°C
80
85
90
95
100
105
110
115
120
125
130
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TOTAL POWER DISSIPATION (W)
6400mm2
500mm2
25mm2
TJ MAXIMUM
Figure 57. Junction Temperature vs. Total Power Dissipation for
the 10-Lead LFCSP, TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com