Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS30 Datasheet(PDF) 7 Page - Copal Electronics

Part # PS30
Description  DISPLAY TYPE PRESSURE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS30 Datasheet(HTML) 7 Page - Copal Electronics

  PS30 Datasheet HTML 1Page - Copal Electronics PS30 Datasheet HTML 2Page - Copal Electronics PS30 Datasheet HTML 3Page - Copal Electronics PS30 Datasheet HTML 4Page - Copal Electronics PS30 Datasheet HTML 5Page - Copal Electronics PS30 Datasheet HTML 6Page - Copal Electronics PS30 Datasheet HTML 7Page - Copal Electronics PS30 Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Outline Dimensions(Unit: mm)
If using the panel holder set(sold separately), install the main body to the panel folder, and hold the main body by two panel stopper through the attachment
panel.
Panel Holder Set(Option)
PS30
Port Block(sold separately)
Panel holder cover
Panel holder
Main body(PS30)
Attachment panel
Panel stopper
(two)
Holder
cover set
Panel
holder set
36+0.5
0
panel cut dimentions
(Panel thickness:1∼3.6mm)
■Accessories(Sold separately)
Product name Model no.
Description
Applicable
model
Angled bracket
for wall attachment
Angled bracket
for flood attachment
Panel holder set
Holder cover set
(for protection of
gauge sides)
ACPG-001
Angled bracket for wall
attachment, two M3×4
male screws
Angled bracket for floor
attachment, two M3×4
male screws
Panel holder cover,
panel holder, two
panel stoppers
Panel holder cover,
panel holder
ACPG-002
ACPG-003
ACPG-004
Port brock set
Port block
O-ring(P8)
M3×10 male screw(two pieces)
Sealing screw
ACPG-005
PG-30
/PS30
PG-30
/PS30
PG-30
/PG-35
/PS30
PG-30
/PG-35
/PS30
PS30
□31
29
20
O-ring groove
(P8)
4
Case
ABS
Base
ABS
Pressure port
M5, effective depth 5
2−M3
Effective depth 6
4-core cable (φ4)
Length 1500±100(UL2844)
Main body
(PS30)
□31
20
15
10
Pressure port
2−Rc1/8
4−φ3.3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com