Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS30 Datasheet(PDF) 2 Page - Copal Electronics

Part # PS30
Description  DISPLAY TYPE PRESSURE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS30 Datasheet(HTML) 2 Page - Copal Electronics

  PS30 Datasheet HTML 1Page - Copal Electronics PS30 Datasheet HTML 2Page - Copal Electronics PS30 Datasheet HTML 3Page - Copal Electronics PS30 Datasheet HTML 4Page - Copal Electronics PS30 Datasheet HTML 5Page - Copal Electronics PS30 Datasheet HTML 6Page - Copal Electronics PS30 Datasheet HTML 7Page - Copal Electronics PS30 Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Specifications
Output Electrical Diagram(Wire colors correspond to I.E.C standards)
Details of the front panel
Type (Pressure reference)
Rated pressure range
Maximum pressure
Break-down pressure
Acceptable media
Power supply
Current consumption
Switch outputs
Pressure indication
Switch status indication
Operating conditions
Thermal error
Pressure port
Pressure receiving area material
Net weight
Gauge pressure
Non-corrosive gases
12V∼24VDC±10%, ripple P-P 10% or less
40mA maximum
Two outputs: NPN/PNP Transistor, open collector
Switch rating: 30VDC, 100mA maximum
Residual voltage: 1.2V maximum(NPN)/ 2.2V maximum(PNP)at 100mA
0∼30 count setting (adjustable)
±0.3%F.S.
5ms maximum
Included
Signed 2 1/2 digit, 7-segment-LED indication(sampling cycle: approx. 4 times per second)
±1%FS±1 digit
Output 1(SW1)and output 2(SW2),LED(red)light up when switch outputs are ON.
Meets IP40 of IEC
−10∼50℃(storage−20∼70℃)
35∼85 %RH
10∼500Hz, amplitude 1.5mm/98.1m/S2, three directions, two hours each
490m/S2, three directions, three times each
EMI: EN55011 1998 class B(Group1)
±3%FS(0∼50℃, reference temp. 25℃)
M5 female screw, O-ring groove(P8)
Single crystal silicon
Approx. 60g(included 1.5m cable)
Hysteresis
Repeatability
Response
Short circuit protection
Accuracy
IP protection
Operating temperature
Operating humidity
Vibration resistance
Shock resistance
EMC
Model
PS30
102R
103R
−100∼100kPa
200kPa
500kPa
−0.1∼1.0MPa
1.5MPa
2.0MPa
EMS: EN61326-1:1997/A-1:1998/The permissible variations in display
counts and set value of switch output not exceed±5%FS.
NPNOpen Collector Output Model
PNPOpen Collector Output Model
(brown)
(black)Switch output 1
(black)Switch output 1
(white)Switch output 2
(blue)
Power supply:
12∼24VDC
COM
Load
Load
Display
LED
(brown)
(black)Switch output 1
(white)Switch output 2
(blue)
Power supply:
12∼24VDC
COM
Load
Load
Display
LED
PS30
SW1
kPa
SW2
SW 1 LED (red)
2 1/2 digit LED display
Unit
Up button
Mode button
SW 2 LED (red)
Negative pressure LED
(red)
Down button
Wire color
Brown
Blue
Black
White
Connection
Power ⊕
Common
SW Output1
SW Output2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com