Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS30 Datasheet(PDF) 1 Page - Copal Electronics

Part # PS30
Description  DISPLAY TYPE PRESSURE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS30 Datasheet(HTML) 1 Page - Copal Electronics

  PS30 Datasheet HTML 1Page - Copal Electronics PS30 Datasheet HTML 2Page - Copal Electronics PS30 Datasheet HTML 3Page - Copal Electronics PS30 Datasheet HTML 4Page - Copal Electronics PS30 Datasheet HTML 5Page - Copal Electronics PS30 Datasheet HTML 6Page - Copal Electronics PS30 Datasheet HTML 7Page - Copal Electronics PS30 Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
INSTRUCTION MANUAL Ver.2.1a
Nishi-Shinjuku Kimuraya Bldg., 7-5-25
Nishi-Shinjuku, Shinjuku-ku, Tokyo 160-0023 Japan  Phone:
(03)3364-7055
For more detailed information please ask for the nearest
distributor or the following sales center.
Thank you for purchasing a
NIDEC COPAL ELECTRONICS CORP. product.
For proper and optimal use of the product, please read
this manual thoroughly before using.
Keep this manual for future reference.
DISPLAY TYPE PRESSURE SWITCH
PS30
Important Information and Warnings
①Non-corrosive gases should be used as pressure media for PS30.
②The maximum applicable pressure for the PS30-102R at the time of vacuum break is 500kPa.
③Always carry out wiring work with the power off.
④For stability, use a regulated direct current power supply.
 Surge absorbing devices (diodes, varistors, etc.) are necessary if inductive loads such as relays and solenoids are connected to the same
power line as the PS30. Do not wire in parallel to high voltage cables or power lines, or use the same cable ducts which contain high
voltage cables or power lines.
⑤Check fluctuations in power voltage so that the power input cannot exceed the rating.
⑥Be careful not to apply force to any wires during handling, or apply force to the display area of the main
body during piping.
⑦Use pH neutral detergents to clean the body. Do not use lacquer thinner and other solvents for cleaning.
⑧Do not use pointed objects such as pens to press the setting buttons on the display panel. Doing so may
damage the setting buttons by piercing them.
⑨Do not put a piece of wire or other long thin object from pressure port. Doing so may damage the
internal diaphragm to cause malfunctioning.
⑩Do not use the product in a place where much steams and/or dust exist or the product may be subjected
to direct water or oil splash.
⑪[Recommended measures against noise interference]
 It is recommended to use noise absorbing components (line filter, surge absorber, etc.) in the power supply
terminal of the PS30.
 marking
(Compliance with EMC Standards)
Surge absorbing circuit


Similar Part No. - PS30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PS30 VISHAY-PS30 Datasheet
89Kb / 3P
Plate Capacitors with Contoured Rim - Class 2 Ceramic
14-Aug-02
PS30 VISHAY-PS30 Datasheet
96Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
14-Aug-02
logo
Bi technologies
PS30 BITECH-PS30 Datasheet
102Kb / 4P
Slide Potentiometer
logo
TT Electronics.
PS30-1 TTELEC-PS30-1 Datasheet
421Kb / 5P
Slide Potentiometer
11/2020
logo
Copal Electronics
PS30-102R-N COPAL-PS30-102R-N Datasheet
744Kb / 4P
PRESSURE SWITCHES WITH GAUGE
More results

Similar Description - PS30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZS-27-C ETC1-ZS-27-C Datasheet
1Mb / 21P
High Precision, 2-color Display Digital Pressure Switch
ISE30-T1-25 ETC2-ISE30-T1-25 Datasheet
1Mb / 21P
High Precision,2-color Display Digital Pressure Switch
logo
Copal Electronics
PS8 COPAL-PS8 Datasheet
146Kb / 3P
Pressure Switch
logo
Festo Corporation.
8000033 FESTO-8000033 Datasheet
99Kb / 1P
Pressure switch
8000210 FESTO-8000210 Datasheet
111Kb / 1P
Pressure switch
152616 FESTO-152616 Datasheet
91Kb / 1P
Pressure switch
7/13/22
159259 FESTO-159259 Datasheet
97Kb / 1P
Pressure switch
7/13/22
161760 FESTO-161760 Datasheet
93Kb / 2P
Pressure switch
7/13/22
175252 FESTO-175252 Datasheet
91Kb / 1P
Pressure switch
7/13/22
192488 FESTO-192488 Datasheet
103Kb / 2P
Pressure switch
7/13/22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com