Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS60 Datasheet(PDF) 7 Page - Copal Electronics

Part # PS60
Description  CONPOUND PRESSURE SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS60 Datasheet(HTML) 7 Page - Copal Electronics

  PS60 Datasheet HTML 1Page - Copal Electronics PS60 Datasheet HTML 2Page - Copal Electronics PS60 Datasheet HTML 3Page - Copal Electronics PS60 Datasheet HTML 4Page - Copal Electronics PS60 Datasheet HTML 5Page - Copal Electronics PS60 Datasheet HTML 6Page - Copal Electronics PS60 Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
P1
PS60
P2
MPa
4.5
(52.5)
8
4.5
1.4
Pressre port(PA MXD6)
M5 depth 5(BSBM)
Connector : 2.5mm pitch/4pole(□0.64)
Pair : JST(XAP-04V-1)
D
I
N rail adapter attachment
2−φ3.
1Through hole
Housing(PBT)
<Terminal No.>
4
∼
1
PS60
6
Model Numbers
Warranty
PS60 − 102 R − NMCN
This product can be covered by one-year warranty. COPAL ELECTRONICS warrants that any part of the product which proves to be defective due to the design
and/or manufacturing of COPAL ELECTRONICS within one year from the date of delivery will be repaired or replaced, free of charge. Note that the warranty will only
be applied to the product alone, not to damages induced by any failure of the product.
The warranty will not be applied in any of the following cases:
 ① Failure and damage caused by improper use not conforming to the instruction manual or negligent handling.
 ② Failure and damage caused by inappropriate modification, adjustment or repair.
 ③ Failure and damage caused by natural disaster, fire or other act of God.
Outline Dimensions(Unit: mm)
Switch output type
N: NPN open collector
P: PNP open collector
Pressure range
Fitting port type
M5 female screw
102:−100∼100kPa
302:−100∼300kPa
103:−0.1MPa∼1.00MPa
PS60-103R-NMCN
RANGE: -0.10 ∼ 1.00 MPa
WHITE:SWITCH2(NPN 30V 100mAmax)
BLUE :COMMON
BROWN:POWER SUPPLY(DC12∼24V)
BLACK:SWITCH1(NPN 30V 100mAmax)
LOT.8M1
Color
black
white
brown
blue
Connection
OUT 1
OUT 2
24V
0V
Pin No.
4
3
2
1
L:1500±50
Heat shrink tube
Vinyl tie
70±20
50±10
Four core cable(φ4), AWG26
Vinyl chloride, UL2844
Housing:JST(XAP-04V-1),66Nylon
Contact:JST(SXA-001T-P0.6L)
(5)
4
∼
1
MADE IN
JAPAN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com