Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS60 Datasheet(PDF) 1 Page - Copal Electronics

Part # PS60
Description  CONPOUND PRESSURE SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS60 Datasheet(HTML) 1 Page - Copal Electronics

  PS60 Datasheet HTML 1Page - Copal Electronics PS60 Datasheet HTML 2Page - Copal Electronics PS60 Datasheet HTML 3Page - Copal Electronics PS60 Datasheet HTML 4Page - Copal Electronics PS60 Datasheet HTML 5Page - Copal Electronics PS60 Datasheet HTML 6Page - Copal Electronics PS60 Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Thank you for purchasing a
NIDEC COPAL ELECTRONICS CORP. product.
For proper and optimal use of the product, please read this
manual thoroughly before using.
Keep this manual for future reference.
DISPLAY TYPE
CONPOUND PRESSURE SWITCH
INSTRUCTION MANUAL Ver.2.1
Important Information and Warnings
①Non-corrosive gases should be used as pressure media for PS60.
②The maximum applicable pressure for the PS60-102R/302R at the time of vacuum break is 500kPa.
③Always carry out wiring work with the power off.
④Press the  button more than 3 seconds in the Operation Mode, the panel lock function will be completed and disable to the
key operation. Please refer to the following“Panel lock function”and cancel the pane lock function.
⑤For stability, use a regulated direct current power supply.
Surge absorbing devices(diodes, varistors, etc.)are necessary if inductive loads such as relays and solenoids are connected to
the same power line as the PS60. Do not wire in parallel to high voltage cables or power lines, or use the same cable ducts
which contain high voltage cables or power lines.
⑥Check fluctuations in power voltage so that the power input cannot exceed the rating. Also please do not give a rapid voltage
fluctuation like intercepting the eenergization immediately after starting and during setting operation. Memory data may
disappear, and whitch results in a defect of operation/
⑦Be careful not to apply force to the display area of the main body during piping.
⑧Use pH neutral detergents to clean the body. Do not use lacquer thinner and other solvents for cleaning.
⑨Do not use pointed objects such as pens to press the setting buttons on the display panel. Doing so may damage the setting
buttons by piercing them.
⑩Do not put a piece of wire or other long thin object from pressure port. Doing so may damage the internal diaphragm to cause
malfunctioning.
⑪Do not use the product in a place where much steams
and/or dust exist or the product may be subjected to
direct water or oil splash.
⑫【Recommended measures against noise interference】
 It is recommended to use noise absorbing components
(line filter, surge absorber, etc.) in the power supply
terminal of the PS60.
Power supply unit
DC output
AC input
FG
+V
Earthing of FG terminal
Surge absorbing circuit
PS60
Nishi-Shinjuku Kimuraya Bidg. , 7-5-25
Nishi-Shinjuku Shinjuku-ku Tokyo 160-0023 , Japan Phone.:(03) 3364-7055
For more detailed information please ask for the nearest distributor or the following sales center.
(Compliance with EMC Standards)
marking
PS60


Similar Part No. - PS60

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PS60 ALTECH-PS60 Datasheet
128Kb / 1P
60W Single Phase DIN Rail Power Supply PS-60 Series
logo
Bi technologies
PS60 BITECH-PS60 Datasheet
102Kb / 4P
Slide Potentiometer
logo
List of Unclassifed Man...
PS60 ETC-PS60 Datasheet
25Kb / 1P
Piercing Saw Frame & Blades
logo
Bogen Communications LL...
PS60 BOGEN-PS60 Datasheet
1Mb / 1P
MT300M Matching Transformer Module
logo
TT Electronics.
PS60-1 TTELEC-PS60-1 Datasheet
421Kb / 5P
Slide Potentiometer
11/2020
More results

Similar Description - PS60

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS8 COPAL-PS8 Datasheet
146Kb / 3P
Pressure Switch
logo
Festo Corporation.
8000033 FESTO-8000033 Datasheet
99Kb / 1P
Pressure switch
8000210 FESTO-8000210 Datasheet
111Kb / 1P
Pressure switch
10773 FESTO-10773 Datasheet
81Kb / 2P
Pressure switch
7/13/22
152616 FESTO-152616 Datasheet
91Kb / 1P
Pressure switch
7/13/22
152618 FESTO-152618 Datasheet
93Kb / 1P
Pressure switch
7/13/22
159259 FESTO-159259 Datasheet
97Kb / 1P
Pressure switch
7/13/22
161760 FESTO-161760 Datasheet
93Kb / 2P
Pressure switch
7/13/22
175252 FESTO-175252 Datasheet
91Kb / 1P
Pressure switch
7/13/22
192488 FESTO-192488 Datasheet
103Kb / 2P
Pressure switch
7/13/22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com