Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS60 Datasheet(PDF) 2 Page - Copal Electronics

Part # PS60
Description  CONPOUND PRESSURE SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS60 Datasheet(HTML) 2 Page - Copal Electronics

  PS60 Datasheet HTML 1Page - Copal Electronics PS60 Datasheet HTML 2Page - Copal Electronics PS60 Datasheet HTML 3Page - Copal Electronics PS60 Datasheet HTML 4Page - Copal Electronics PS60 Datasheet HTML 5Page - Copal Electronics PS60 Datasheet HTML 6Page - Copal Electronics PS60 Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
COM
(biue)
(White)Switch Output2
(black)Switch
   Output1
(brown)
LED
4
3
1
2
Load
Load
Display
LED×2
Power supply
DC10.8∼26.4V
(White)Switch Output
(White)Switch Output2
2
(White)Switch Output2
Load
(brown)
(black)Switch Output1
COM
3
LED×2
4
1
2
Load
LED
(biue)
Display
Power supply
DC10.8∼26.4V
PS60
 P2LED
(SW2)
LED
 P1LED
DOWN button
UP button
3digits LED
MODEbutton
Display unit
(SW1)
LED
1
Specifications
Type(Pressure reference)
Rated pressure range
Maximum pressure
Break-down pressure
Acceptable media
Power supply
Current consumption
Switch outputs
Pressure indication
Switch status indication
Operating conditions
Thermal error
Pressure port
Pressure receiving area material
Net weight
Accessories
Model
PS60
103R
Output Electrical Diagram(Wire colors correspond to I.E.C standards)
Ditails of the front panel
-0.10∼1.00MPa
1.5MPa
2.0MPa
302R
-100∼300kPa
600kPa
1.0MPa
102R
-100∼100kPa
200kPa
500kPa
Hysteresis
Repeatability
Response
Short circuit protection
Accuracy
IP protection
Operating temperature
Operating humidity
Vibration resistance
Shock resistance
EMC
NPN(Two outputs type)
PNP(Two output type)
Gauge pressure
Non-corrosive gases
12V∼24VDC±10%, ripple P-P 10% or less
30mA maximum
NPN(Two outputs),PNP(Two outputs)Transistor, open collector
Switch rating: 30VDC, 100mA maximum
Residual voltage: 1.2V maximum(NPN)/ 2.2V maximum(PNP)at 100mA
0∼30 count setting (adjustable)
±0.3%FS
5ms maximum
Included
Signed 3 digits, 7-segment-LED indication(sampling cycle: approx. 4 times per second)
±1%FS±1 digit
Output 1(P1)and output 2(P2), LED(red)light up when switch outputs are ON.
Meets IP40 of IEC
−10∼50℃(storage−20∼70℃)
35∼85 %RH
10∼500Hz, amplitude 1.5mm/98.1m/S2, three directions, two hours each
490m/S2, three directions, three times each
EMI: EN55011 Group1,ClassB:1998
±3%FS(0∼50℃, reference temp. 25℃)
M5 female screew
Single crystal silicon
Approx. 50g(included 1.5m cable)
Connector with cable(1.5m), DIN rail adapter
EMS: EN61326-1:1997/A-1:1998/The permissible variations in display
counts and set value of switch output not exceed±5%FS.
P1
P2
kPa



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com