Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIW1711FIF Datasheet(PDF) 4 Page - RF Micro Devices

Part # SIW1711FIF
Description  BLUETOOTH RADIO MODEM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SIW1711FIF Datasheet(HTML) 4 Page - RF Micro Devices

  SIW1711FIF Datasheet HTML 1Page - RF Micro Devices SIW1711FIF Datasheet HTML 2Page - RF Micro Devices SIW1711FIF Datasheet HTML 3Page - RF Micro Devices SIW1711FIF Datasheet HTML 4Page - RF Micro Devices SIW1711FIF Datasheet HTML 5Page - RF Micro Devices SIW1711FIF Datasheet HTML 6Page - RF Micro Devices SIW1711FIF Datasheet HTML 7Page - RF Micro Devices SIW1711FIF Datasheet HTML 8Page - RF Micro Devices SIW1711FIF Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 12
SiW1711
60 0047 R00Grf SiW1711 Radio Modem IC DS
System Specifications
Absolute Maximum Ratings
Recommended Operating Conditions
ESD Rating
Electrical Characteristics
DC Specification (TOP=+25°C, VDD_IO=3.0V)
AC Characteristics (TOP=+25°C, VDD_IO=3.0V, CLOAD=15pF)
Current Consumption (TOP=+25°C, VBATT_ANA, VBATT_DIG = 3.3 V)
Parameter
Description
Min
Max
Unit
VCC
Analog circuit supply voltage
-0.3
3.63
V
VDD_IO
I/O supply voltage
-0.3
3.63
V
VBATT_ANA
Analog regulator supply voltage
-0.3
3.63
V
VBATT_DIG
Digital regulator supply voltage
-0.3
3.63
V
TST
Storage temperature
-55
+125
°C
RFMAX
Maximum RF input level
–
+5
dBm
Absolute maximum ratings indicate limits beyond which the useful life of the device may be impaired or damage may occur.
Parameter
Description
Min
Max
Unit
TOP
Operating temperature (industrial grade)
-40
+85
°C
TEOP
Extended operating temperature
-40
+105
°C
VBATT_ANA
Supply for internal analog voltage regulator
2.3
3.63
V
VBATT_DIG
Supply for internal digital voltage regulator
2.3
3.63
V
VCC
Analog supply voltage
1.71
1.89
V
VDD_IO
Digital interface I/O supply voltage
1.62
3.63
V
Symbol
Description
Rating
ESD
ESD protection - all pins1, human body model
2000 V
ESD
ESD protection - all pins, machine model
200 V
1This device is a high performance RF integrated circuit with an ESD rating of 2,000 volts (HBM conditions per Mil-Std-883, Method
3015). Handling and assembly of this device should only be done using appropriate ESD controlled processes.
Symbol
Description
Min.
Typ.
Max.
Unit
VIL
Input low voltage
GND-0.1
–
0.3*VDD_IO
V
VIH
Input high voltage
0.7*VDD_IO
–
VDD_IO
V
VOL
Output low voltage
GND
–
0.2*VDD_IO
V
VOH
Output high voltage
0.8*VDD_IO
–
VDD_IO
V
IOH
Output high current
–
500
–
µA
Output high current (pins 16, 19)
–
4
–
mA
IOL
Output low current
–
500
–
µA
Output low current (pins 16, 19)
–
4
–
mA
IILI
Input leakage current
–
<1
1
µA
Symbol
Description
Min.
Typ.
Max.
Unit
tr
Rise time
–
–
30
ns
Rise time (pins 16, 19)
–
–
16
ns
tf
Fall time
–
–
24
ns
Fall time (pins 16, 19)
–
–
13
ns
Symbol
Description
Min.
Typ.
Max.
Unit
IDD_SLEEP
Current during sleep mode
–
8
30
µA
IDD_IDLE
Current during idle, synthesizer not running
–
3
5
mA
IDD_TRANSMIT
Current during continuous transmit
–
55
65
mA
IDD_RECEIVE
Current during continuous receive
–
68
75
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com