Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIW1711FIF Datasheet(PDF) 7 Page - RF Micro Devices

Part # SIW1711FIF
Description  BLUETOOTH RADIO MODEM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SIW1711FIF Datasheet(HTML) 7 Page - RF Micro Devices

Back Button SIW1711FIF Datasheet HTML 2Page - RF Micro Devices SIW1711FIF Datasheet HTML 3Page - RF Micro Devices SIW1711FIF Datasheet HTML 4Page - RF Micro Devices SIW1711FIF Datasheet HTML 5Page - RF Micro Devices SIW1711FIF Datasheet HTML 6Page - RF Micro Devices SIW1711FIF Datasheet HTML 7Page - RF Micro Devices SIW1711FIF Datasheet HTML 8Page - RF Micro Devices SIW1711FIF Datasheet HTML 9Page - RF Micro Devices SIW1711FIF Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7 of 12
SiW1711
60 0047 R00Grf SiW1711 Radio Modem IC DS
External Reference Requirements
It is possible to provide a number of reference frequencies that are typical on most cellular phones directly into pin 25
(XTAL_P/CLK) of the device. The following reference frequencies (in MHz) can be used: 3.84, 9.6, 12, 12.8, 13, 14.4,
15.36, 16, 16.8, 19.2, 19.68, 19.8, 26, 32, 38.4, and 48 MHz. For other frequencies, please contact applications support.
Crystal Requirements
If using a crystal as the source for the reference frequency, the typical parameters are outlined below. The system clock
crystal should operate in a fundamental, parallel resonant mode.
Parameter
Description
Min
Max
Unit
Phase noise
100 kHz offset
–
-100
dBc/Hz
1 kHz offset
–
-120
dBc/Hz
10 kHz offset
–
-140
dBc/Hz
Drive level
AC coupled amplitude
0.5
VCC
VP-P
DC coupled low peak voltage
0
0.3
V
DC coupled high peak voltage
VCC - 0.3
VCC
V
Parameter
Description
Min
Typ
Max
Units
Drive level
–
0.5
–
2.0
VP-P
ESR
Effective serial resistance1
–
–
150
Ω
CO
Holder capacitance2
–3.0
5.0
pF
CL
Load capacitance2
–
12.0
18.0
pF
CM
Motional capacitance
–
6.0
–
fF
1For 32MHz crystal.
2The actual values for CO and CL are dependent on the crystal manufacturer and can be compensated for by an internal crystal calibra-
tion capability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com