Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIW1711FIF Datasheet(PDF) 1 Page - RF Micro Devices

Part # SIW1711FIF
Description  BLUETOOTH RADIO MODEM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SIW1711FIF Datasheet(HTML) 1 Page - RF Micro Devices

  SIW1711FIF Datasheet HTML 1Page - RF Micro Devices SIW1711FIF Datasheet HTML 2Page - RF Micro Devices SIW1711FIF Datasheet HTML 3Page - RF Micro Devices SIW1711FIF Datasheet HTML 4Page - RF Micro Devices SIW1711FIF Datasheet HTML 5Page - RF Micro Devices SIW1711FIF Datasheet HTML 6Page - RF Micro Devices SIW1711FIF Datasheet HTML 7Page - RF Micro Devices SIW1711FIF Datasheet HTML 8Page - RF Micro Devices SIW1711FIF Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 12
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Features
Ordering Information
Product Description
Optimum Technology Matching® Applied
Si BJT
Si Bi-CMOS
GaInP/HBT
GaAs HBT
SiGe HBT
GaN HEMT
GaAs MESFET
Si CMOS
SiGe Bi-CMOS
LNA
90
0
ADC
ADC
VCO/
PLL
DRIVER
90
0
DAC
DAC
PWR
CNTL
Serial Programming
Interface (SPI)
Register
File
Clock Generation and
Distribution
RF_IN
IDAC
RF_OUT
XTAL_P/CLK
XTAL_N
BB_CLK
SPI_SS
SPI_TXD
SPI_RXD
SPI_CLK
System
Control
Logic
RX_TX_DATA
CD_TXEN
ENABLE_RM
HOP_STROBE
RESET_N
TX_RX_SWITCH
Voltage Regulator and Power
Distribution
PLL
Control
GFSK
MODEM
Control
The SiW1711™ Radio Modem is Silicon Wave's third-generation radio modem for
Bluetooth® wireless communications and is based on 0.18µm CMOS technology. This
highly integrated transceiver was specifically designed to meet the rigorous RF perfor-
mance required for integrating Bluetooth into mobile phone applications.
The SiW1711 Radio Modem combines a 2.4GHz radio transceiver and Gaussian Fre-
quency Shift Keying (GFSK) modem with digital control functions. The IC also incorpo-
rates analog and digital voltage regulators, a reference Phase Lock Loop (PLL) to
enable multiple input frequencies, and a power-on-reset (POR) circuit.
The SiW1711 Radio Modem uses direct conversion (zero-IF) architecture. This allows
digital filtering for excellent interference rejection as compared to low IF solutions, and
also results in fewer spurious responses. The receiver has excellent sensitivity due to a
low noise RF design combined with an advanced modem design. A fast hardware AGC
enables full discovery of any device within the dynamic range of the receiver (solves
near-far issues). The transmitter can maintain a stable output power level up to +4dBm
for class 2 operation, which in combination with the excellent receiver performance
ensures the maximum possible range at the lowest system cost.
The device is available in a 32-pin QFN package with 5 x 5 x 1 mm dimensions. Known
good die with bumps is also available. Operating temperature range is guaranteed from
-40°C to +85°C with available extended high temperature range to 105°C.
• Single chip IC with 2.4 GHz
transceiver and GFSK modem with
digital interface to external baseband
processor.
• Fully compliant with Bluetooth
specification 1.1 and 1.2.
• Supports multiple external reference
clocks or crystal frequencies with on-
chip reference PLL.
• Direct-conversion architecture with
no external channel filter or VCO
resonator components.
• Single-ended RX/TX pins reduce
system BOM cost by eliminating a
balun. On-chip RX/TX switching
eliminates external RX/TX switch.
• Typical -85 dBm receiver sensitivity
with excellent interference rejection
performance.
• Class 2 and 3 transmit output power
up to +4 dBm with output power
control loop for accurate power
control.
• Hardware AGC dynamically adjusts
receiver performance in changing
environments.
• Low out-of-band spurious emissions
prevents interference with mobile
phone frequencies.
• Option for Class 1 designs with
RX/TX switch control and multiple
modes of gain control.
• On-chip voltage regulation simplifies
voltage input requirement. Regulator
bypass mode enables use of external
regulator.
• 1.8 Volt analog and digital core
voltages; 1.63 Volt to 3.63 Volt
external I/O interface voltage.
• Low power consumption in active and
standby modes.
SiW1711
Bluetooth® Radio Modem
0
60 0047 R00Grf SiW1711 Radio Modem IC DS
BLUETOOTH® RADIO
MODEM
SiW1711
September 30, 2004


Similar Part No. - SIW1711FIF

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SIW1721B RFMD-SIW1721B Datasheet
432Kb / 12P
BLUETOOTH짰 RADIO MODEM
SIW1721BFIG RFMD-SIW1721BFIG Datasheet
432Kb / 12P
BLUETOOTH짰 RADIO MODEM
SIW1721BFIG-T13 RFMD-SIW1721BFIG-T13 Datasheet
432Kb / 12P
BLUETOOTH짰 RADIO MODEM
SIW1721BFIG-TR13 RFMD-SIW1721BFIG-TR13 Datasheet
432Kb / 12P
BLUETOOTH짰 RADIO MODEM
SIW1721BFIGSB RFMD-SIW1721BFIGSB Datasheet
432Kb / 12P
BLUETOOTH짰 RADIO MODEM
More results

Similar Description - SIW1711FIF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PBA31302 INFINEON-PBA31302 Datasheet
27Kb / 2P
Bluetooth Radio Transceiver
2002
logo
NXP Semiconductors
BGB110 PHILIPS-BGB110 Datasheet
141Kb / 17P
Bluetooth radio module
2000 Oct 03
logo
Freescale Semiconductor...
MC72000 FREESCALE-MC72000 Datasheet
1Mb / 156P
Integrated Bluetooth Radio
logo
RF Micro Devices
SIW1721B RFMD-SIW1721B Datasheet
432Kb / 12P
BLUETOOTH짰 RADIO MODEM
logo
rfsolutions.ltd
232C-868FR1 RFSOLUTIONS-232C-868FR1 Datasheet
227Kb / 12P
RS232 RADIO MODEM
X8200 RFSOLUTIONS-X8200 Datasheet
518Kb / 19P
Synthesised Radio Modem
DS-ZULUM RFSOLUTIONS-DS-ZULUM Datasheet
3Mb / 12P
Radio MODEM Module
ZULU-M868 RFSOLUTIONS-ZULU-M868 Datasheet
3Mb / 16P
Radio MODEM Module
logo
Texas Instruments
LMX5252 TI-LMX5252_15 Datasheet
1Mb / 41P
Bluetooth??Radio
logo
SHENZHEN KYL COMMUNICAT...
KYL-668H KYL-KYL-668H Datasheet
1Mb / 4P
25W Radio Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com