Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1896 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1896
Description  LM1896/LM2896 Dual Audio Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1896 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM1896 Datasheet HTML 1Page - National Semiconductor (TI) LM1896 Datasheet HTML 2Page - National Semiconductor (TI) LM1896 Datasheet HTML 3Page - National Semiconductor (TI) LM1896 Datasheet HTML 4Page - National Semiconductor (TI) LM1896 Datasheet HTML 5Page - National Semiconductor (TI) LM1896 Datasheet HTML 6Page - National Semiconductor (TI) LM1896 Datasheet HTML 7Page - National Semiconductor (TI) LM1896 Datasheet HTML 8Page - National Semiconductor (TI) LM1896 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Typical Performance Curves
vs Ambient Temperature
LM2896 Device Dissipation
Temperature
Dissipation vs Ambient
LM1896 Maximum Device
Gain for Stable Operation
b
3 dB Bandwidth vs Voltage
AV e 54 dB BW e 30 kHz
THD and Gain vs Frequency
AV e 54 dB BW e 5 kHz
THD and Gain vs Frequency
AV e 46 dB BW e 50 kHz
THD and Gain vs Frequency
AV e 40 dB BW e 20 kHz
THD and Gain vs Frequency
AV e 34 dB BW e 50 kHz
THD and Gain vs Frequency
Speaker Lead Placement
vs Field Strength for Different
AM Recovered Audio and Noise
vs Frequency
(Referred to the Output)
Power Supply Rejection Ratio
to the Output) vs Frequency
Channel Separation (Referred
Supply Voltage
Power Output vs
TLH7920 – 2
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com