Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1896 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1896
Description  LM1896/LM2896 Dual Audio Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1896 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM1896 Datasheet HTML 1Page - National Semiconductor (TI) LM1896 Datasheet HTML 2Page - National Semiconductor (TI) LM1896 Datasheet HTML 3Page - National Semiconductor (TI) LM1896 Datasheet HTML 4Page - National Semiconductor (TI) LM1896 Datasheet HTML 5Page - National Semiconductor (TI) LM1896 Datasheet HTML 6Page - National Semiconductor (TI) LM1896 Datasheet HTML 7Page - National Semiconductor (TI) LM1896 Datasheet HTML 8Page - National Semiconductor (TI) LM1896 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Typical Applications (Continued)
TLH7920 – 7
6 9 No connection on LM1896
( ) Indicates pin number for LM2896
TLH7920 – 8
FIGURE 2 Stereo Amplifier with AV e 200 BW e 30 kHz
External Components (Figure 2)
Components
Comments
1 R2 R5 R10 R13
Sets voltage gain AV e 1 a R5R2 for one channel and AV e 1 a R10R13
for the other channel
2 R3 R12
Bootstrap resistor sets drive current for output stage and allows pins 3 and 12 to
go above VS
3 Ro
Works with Co to stabilize output stage
4 C1 C14
Input coupling capacitor Pins 1 and 14 are at a DC potential of VS 2 Low
frequency pole set by
fL e
1
2q RIN C1
5 C2 C13
Feedback capacitors Ensure unity gain at DC Also a low frequency pole at
fL e
1
2qR2C2
6 C3 C12
Bootstrap capacitors used to increase drive to output stage A low frequency
pole is set by
fL e
1
2qR3C3
7 C5 C10
Compensation capacitor These stabilize the amplifiers and adjust their
bandwidth See curve of bandwidth vs allowable gain
8 C7
Improves power supply rejection (See Typical Performance Curves) Increasing
C7 increases turn-on delay
9 Cc
Output coupling capacitor Isolates pins 5 and 10 from the load Low frequency
pole set by
fL e
1
2q CcRL
10 Co
Works with Ro to stabilize output stage
11 CS
Provides power supply filtering
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com