Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1896 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1896
Description  LM1896/LM2896 Dual Audio Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1896 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM1896 Datasheet HTML 1Page - National Semiconductor (TI) LM1896 Datasheet HTML 2Page - National Semiconductor (TI) LM1896 Datasheet HTML 3Page - National Semiconductor (TI) LM1896 Datasheet HTML 4Page - National Semiconductor (TI) LM1896 Datasheet HTML 5Page - National Semiconductor (TI) LM1896 Datasheet HTML 6Page - National Semiconductor (TI) LM1896 Datasheet HTML 7Page - National Semiconductor (TI) LM1896 Datasheet HTML 8Page - National Semiconductor (TI) LM1896 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH7920
February 1995
LM1896LM2896 Dual Audio Power Amplifier
General Description
The LM1896 is a high performance 6V stereo power amplifi-
er designed to deliver 1 wattchannel into 4X or 2 watts
bridged monaural into 8X Utilizing a unique patented com-
pensation scheme the LM1896 is ideal for sensitive AM
radio applications This new circuit technique exhibits lower
wideband noise lower distortion and less AM radiation than
conventional designs The amplifier’s wide supply range
(3V – 9V) is ideal for battery operation For higher supplies
(VS l 9V) the LM2896 is available in an 11-lead single-in-
line package The LM2896 package has been redesigned
resulting in the slightly degraded thermal characteristics
shown in the figure Device Dissipation vs Ambient Tempera-
ture
Features
Y
Low AM radiation
Y
Low noise
Y
3V 4X stereo Po e 250 mW
Y
Wide supply operation 3V – 15V (LM2896)
Y
Low distortion
Y
No turn on ‘‘pop’’
Y
Adjustable voltage gain and bandwidth
Y
Smooth waveform clipping
Y
Po e 9W bridged LM2896
Applications
Y
Compact AM-FM radios
Y
Stereo tape recorders and players
Y
High power portable stereos
Typical Applications
TLH7920 – 1
FIGURE 1 LM2896 in Bridge Configuration (AV e 400 BW e 20 kHz)
Order Number LM1896N
Order Number LM2896P
See NS Package Number N14A
See NS Package Number P11A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM1896

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1896 TI1-LM1896 Datasheet
516Kb / 12P
Dual Audio Power Amplifier
More results

Similar Description - LM1896

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1316 NEC-UPC1316 Datasheet
1Mb / 8P
DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8265K TOSHIBA-TA8265K Datasheet
353Kb / 9P
DUAL AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD6282 YOUDA-YD6282 Datasheet
155Kb / 4P
DUAL AUDIO POWER AMPLIFIER
YD8207 YOUDA-YD8207 Datasheet
154Kb / 4P
DUAL AUDIO POWER AMPLIFIER
logo
Toshiba Semiconductor
TA8200AH TOSHIBA-TA8200AH_02 Datasheet
230Kb / 11P
Dual Audio Power Amplifier
TA8258HQ TOSHIBA-TA8258HQ_06 Datasheet
345Kb / 13P
Dual Audio Power Amplifier
TB2922HQ TOSHIBA-TB2922HQ Datasheet
337Kb / 15P
Dual Audio Power Amplifier
logo
Texas Instruments
LM1877 TI1-LM1877_16 Datasheet
1Mb / 15P
Dual Audio Power Amplifier
LM1896 TI1-LM1896 Datasheet
516Kb / 12P
Dual Audio Power Amplifier
logo
Toshiba Semiconductor
TA8258H TOSHIBA-TA8258H Datasheet
371Kb / 12P
Dual Audio Power Amplifier
2002-02-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com